Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL240D10 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # CL240D10
Description  Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CL240D10 Datasheet(HTML) 2 Page - Crydom Inc.,

  CL240D10 Datasheet HTML 1Page - Crydom Inc., CL240D10 Datasheet HTML 2Page - Crydom Inc., CL240D10 Datasheet HTML 3Page - Crydom Inc., CL240D10 Datasheet HTML 4Page - Crydom Inc., CL240D10 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
CL240Dxx
CL240Axx
Control Voltage Range
3-32 VDC
90-250 Vrms
Maximum Reverse Voltage
-32
-
Maximum Turn-On Voltage
3.0 VDC
90 Vrms
Minimum Turn-Off Voltage
1.0 VDC
10 Vrms
Typical Input Current @ max turn-on voltage
14 mA
10 mA
Nominal Input Impedance [Ohms]
Current Limited
Current Limited
Maximum Turn-On Time [msec] (4)
1/2 Cycle
50
Maximum Turn-Off Time [msec]
1/2 Cycle
50
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-30 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
2.8 oz (79g)
Terminals
Hardware Furnished, Unmounted
Input Terminal Screw Torque Range:
8-10 in lb (0.9-1.1Nm)
Output Terminal Screw Torque Range:
18-20 in lb (2-2.2Nm)
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) When mounted to the proper size heat sink (see derating curves)
4) Turn-on time for Random turn-on versions is 0.02 msec (DC Control Models)
WIRING DIAGRAM


Similar Part No. - CL240D10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CL240D10 CRYDOM-CL240D10 Datasheet
738Kb / 5P
   panel mount
logo
Sensata Technologies, I...
CL240D10 SENSATA-CL240D10 Datasheet
3Mb / 5P
   PANEL MOUNT
logo
Crydom Inc.,
CL240D10R CRYDOM-CL240D10R Datasheet
872Kb / 7P
   CL Series
More results

Similar Description - CL240D10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
CXE240D5R CRYDOM-CXE240D5R_11 Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
D2410-10 CRYDOM-D2410-10 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
SDV2415R CRYDOM-SDV2415R Datasheet
608Kb / 5P
   Ratings to 1.5A @ 280 VAC
UPD2415 CRYDOM-UPD2415 Datasheet
815Kb / 4P
   SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC
logo
Laird Tech Smart Techno...
POE-48ID LSTD-POE-48ID Datasheet
760Kb / 2P
   FCC and CE approved
POE-PS-150-001 LSTD-POE-PS-150-001 Datasheet
275Kb / 1P
   FCC and CE approved
logo
HB Electronic Component...
MR16-36PCS-W3-GU10 HB-MR16-36PCS-W3-GU10 Datasheet
548Kb / 2P
   CE Approved
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
   Output to 12A 280 Vac DC Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com