Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2FA Datasheet(PDF) 1 Page - Weitron Technology

Part # ES2FA
Description  Super Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ES2FA Datasheet(HTML) 1 Page - Weitron Technology

  ES2FA Datasheet HTML 1Page - Weitron Technology ES2FA Datasheet HTML 2Page - Weitron Technology ES2FA Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
* High current capability
* High surge current capability
* Low reverse current
* Component in accordance to RoHS 2002/95/EC
* Case: SMA(DO-214AC)
* Case Material: Molded Plastic. UL
Flammability Classification Rating 94V-0
* Terminals: Lead Free Plating (Tin Finish).
Solderable per MIL-STD-202, Method 208
* Polarity: Cathode Band
* Weight: 0.062 grams (approximate)
http://www.weitron.com.tw
ES2AA thru ES2JA
Super Fast Recovery Rectifiers
Features:
WEITRON
Mechanical Data:
Lead(Pb)-Free
P b
1/3
18-Oct-2010
REVERSE VOLTAGE
50 TO 600 VOLTS
FORWARD CURRENT
2.0 AMPERE
SMA(DO-214AC)
SMA Outline Dimension
Unit:mm
SMA
Dim
Min
Max
A
B
C
D
E
G
H
J
2.20
4.00
1.27
0.15
4.48
0.10
0.76
1.70
2.92
4.60
1.63
0.31
5.59
0.20
1.52
2.62
A
B
C
D
J
G
H
E


Similar Part No. - ES2FA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES2FA TSC-ES2FA Datasheet
54Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
RFE international
ES2FA RFE-ES2FA Datasheet
3Mb / 4P
   Surface Mount Super Fast Recovery Rectifier ES2AA Through ES2KA
10-12-2022
logo
Taiwan Semiconductor Co...
ES2FA TSC-ES2FA Datasheet
134Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2FA GOOD-ARK-ES2FA Datasheet
149Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
PACELEADER INDUSTRIAL
ES2FA PACELEADER-ES2FA Datasheet
166Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ES2FA

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ES3A-SMB YFWDIODE-ES3A-SMB Datasheet
91Kb / 2P
   Super Fast recovery rectifiers
logo
Formosa MS
SF5A05F FORMOSA-SF5A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF8A05F FORMOSA-SF8A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF1605CT FORMOSA-SF1605CT Datasheet
101Kb / 6P
   Super Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
SF801 HY-SF801_V01 Datasheet
415Kb / 3P
   Super Fast Recovery Rectifiers
SF1601 HY-SF1601_V01 Datasheet
417Kb / 3P
   Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR460EB NIUHANG-MUR460EB Datasheet
489Kb / 3P
   SUPER FAST RECOVERY RECTIFIERS
logo
Central Semiconductor C...
CMR2S-02 CENTRAL-CMR2S-02_15 Datasheet
298Kb / 2P
   SUPER FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
UTX105 DIGITRON-UTX105 Datasheet
153Kb / 3P
   SUPER-FAST RECOVERY RECTIFIERS
logo
Formosa MS
SF10A05 FORMOSA-SF10A05 Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
SF15A05F FORMOSA-SF15A05F Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com