Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTH003A0X Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # APTH003A0X
Description  Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTH003A0X Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button APTH003A0X_10 Datasheet HTML 5Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 9Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 10Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 11Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 12Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
December 10, 2010
Pico TLynxTM 3A: Non-isolated DC-DC Power Modules
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
LINEAGE POWER
9
Characteristic Curves (continued)
The following figures provide typical characteristics for the Pico TLynx
TM 3A modules at 2.5Vo and at 25oC.
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
Vin=5.5V
Vin=3V
Vin=3.3V
0
0.5
1
1.5
2
2.5
3
3.5
20
30
40
50
60
70
80
90
0 LFM
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 19. Converter Efficiency versus Output Current.
Figure 20. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (20
μs /div)
Figure 21. Typical output ripple and noise (VIN = 5V, Io =
Io,max).
Figure 22. Transient Response to Dynamic Load
Change from 0% to 50% to 0% with VIN=5V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 23. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 24. Typical Start-up Using Input Voltage (VIN =
5V, Io = Io,max).


Similar Part No. - APTH003A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTH003A0X-SR LINEAGEPOWER-APTH003A0X-SR Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
APTH003A0X-SR LINEAGEPOWER-APTH003A0X-SR Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTH003A0X-SRZ LINEAGEPOWER-APTH003A0X-SRZ Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
APTH003A0X-SRZ LINEAGEPOWER-APTH003A0X-SRZ Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTH003A0X4-SRZ LINEAGEPOWER-APTH003A0X4-SRZ Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
More results

Similar Description - APTH003A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXK004A0X-SRZ LINEAGEPOWER-APXK004A0X-SRZ_10 Datasheet
660Kb / 25P
   16V Pico TLynxTM 4A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS003A0X-SRZ LINEAGEPOWER-APTS003A0X-SRZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com