Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTS006A0X Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # APTS006A0X
Description  12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS006A0X Datasheet(HTML) 2 Page - Lineage Power Corporation

  APTS006A0X_10 Datasheet HTML 1Page - Lineage Power Corporation APTS006A0X_10 Datasheet HTML 2Page - Lineage Power Corporation APTS006A0X_10 Datasheet HTML 3Page - Lineage Power Corporation APTS006A0X_10 Datasheet HTML 4Page - Lineage Power Corporation APTS006A0X_10 Datasheet HTML 5Page - Lineage Power Corporation APTS006A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTS006A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTS006A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTS006A0X_10 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Data Sheet
November 22, 2010
12V Pico TLynxTM 6A: Non-isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
All
VIN
-0.3
15
Vdc
Continuous
Sequencing Voltage
APTS
VSEQ
-0.3
ViN
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
-D version
TA
-40
105
°C
Storage Temperature
All
Tstg
-55
125
°C
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
4.5
14.0
Vdc
Maximum Input Current
All
IIN,max
6.5
Adc
(VIN=4.5V to 14V, IO=IO, max )
Input No Load Current
(VIN = 12.0Vdc, IO = 0, module enabled)
VO,set = 0.6 Vdc
IIN,No load
16
mA
VO,set = 3.3Vdc
IIN,No load
55
mA
Input Stand-by Current
(VIN = 12.0Vdc, module disabled)
All
IIN,stand-by
1.2
mA
Inrush Transient
All
I
2t
1
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 1μH source impedance; VIN =0 to
14V, IO= IOmax ; See Test Configurations)
All
86
mAp-p
Input Ripple Rejection (120Hz)
All
50
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an
integrated part of sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included;
however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies
require a fast-acting fuse with a maximum rating of 6A (see Safety Considerations section). Based on the information
provided in this data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating
can be used. Refer to the fuse manufacturer’s data sheet for further information.


Similar Part No. - APTS006A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X4-SRZ LINEAGEPOWER-APTS006A0X4-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
APTS006A0X4-SRZ LINEAGEPOWER-APTS006A0X4-SRZ Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
More results

Similar Description - APTS006A0X_10

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTS030A0X LINEAGEPOWER-APTS030A0X Datasheet
763Kb / 23P
   12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
   12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXK004A0X-SRZ LINEAGEPOWER-APXK004A0X-SRZ_10 Datasheet
660Kb / 25P
   16V Pico TLynxTM 4A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com