Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z56V Datasheet(PDF) 2 Page - Weitron Technology

Part # MM5Z56V
Description  Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MM5Z56V Datasheet(HTML) 2 Page - Weitron Technology

  MM5Z56V Datasheet HTML 1Page - Weitron Technology MM5Z56V Datasheet HTML 2Page - Weitron Technology MM5Z56V Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Total Power Dissipation on FR-5 Board
@T =25 C
Thermal Resistance Junction to Ambient Air
Forward Voltage @ IF=10mA
Junction and Storage Temperature Range
V
C/W
C
R JA
PD
θ
VF
Tj,TSTG
Value
150
625
0.9
-65 to+150
mW
(TA=25 C Unless Otherwise Noted)
A
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
V F
ELECTRICAL CHARACTERISTICS
Device Marking
(TA = 25 C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
R everse Zener Voltage @ IZT
IZT
R everse C urrent
ZZT
Maximum Zener Impedance @ IZT
IR
R everse Leakage C urrent @ VR
VR
R everse Voltage
IF
F orward C urrent
V
θ
F
F orward Voltage @ IF
V Z
Maximum Temperature C oefficient of VZ
C
Max. C apacitance @ VR = 0 and f = 1 MHz
Item
MM5Z2V4
Series
Marking
XX=Specific Device Code
(See Table on page3)
Equivalent Circuit Diagram
1
2
Cathode
Anode
MM5Z2V4 Series
WEITRON
2/3
Rev.A 15-oct-09
http://www.weitron.com.tw


Similar Part No. - MM5Z56V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z56V EIC-MM5Z56V Datasheet
109Kb / 2P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
MM5Z56V LUGUANG-MM5Z56V Datasheet
2Mb / 4P
   Zener Diodes
logo
Weitron Technology
MM5Z56V WEITRON-MM5Z56V Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Fairchild Semiconductor
MM5Z56V FAIRCHILD-MM5Z56V Datasheet
177Kb / 4P
   Zener Diodes
logo
Shenzhen Luguang Electr...
MM5Z56V LUGUANG-MM5Z56V Datasheet
159Kb / 2P
   Zener Diodes
More results

Similar Description - MM5Z56V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com