Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR3100 Datasheet(PDF) 2 Page - Weitron Technology

Part # SR3100
Description  Axial Lead Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SR3100 Datasheet(HTML) 2 Page - Weitron Technology

  SR3100 Datasheet HTML 1Page - Weitron Technology SR3100 Datasheet HTML 2Page - Weitron Technology SR3100 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Rating
Characteristic
Maximum Recurrent Peak Reverse Voltage
Maximum Average Forward Rec
Current
See Fig.1
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating Junction Temperature Range
VRRM
IF(AV)
IFSM
TJ
UNIT
V
V
V
3.0
80
-65 to +150
-65 to +150
A
A
°C
Characteristic
Electrical Characteristic
Maximum Instantaneous Reverse Current
Rated DC Blocking Voltage, TA=25°C
Rated DC Blocking, TA=100°C
Maximum Instanatneous Forward Voltage
IF=3.0A
Symbol
UNIT
VF
IR
0.55
0.85
0.70
V
mA
1.0
30
Symbol
WEITRON
SR320 SR330 SR340 SR350 SR360 SR380 SR3100
SR320 SR330 SR340 SR350 SR360 SR380 SR3100
http://www.weitron.com.tw
SR320 thru SR3100
2/3
23-May-08
20
30
40
50
60
80
100
20
30
40
50
60
80
100
14
21
28
35
42
56
70
Storage Junction Temperature Range
TSTG
°C
Thermal Resistance
RθJA
50
°C/W
Diode Junction Capacitance
f=1MHz and applied 4V DC reverse voltage
CJ
300
250
pF
Maximum DC Blocking Voltage
RMS Reverse Voltage
VR
VR(RMS)


Similar Part No. - SR3100

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR3100 MOSPEC-SR3100 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Nanjing International G...
SR3100 DGNJDZ-SR3100 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR3100 SECOS-SR3100 Datasheet
130Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SR3100 JUXING-SR3100 Datasheet
548Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SR3100 SHUNYE-SR3100 Datasheet
233Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR3100

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
logo
Weitron Technology
SR220 WEITRON-SR220 Datasheet
231Kb / 3P
   Axial Lead Schottky Barrier Rectifiers
1N5817 WEITRON-1N5817 Datasheet
346Kb / 3P
   Axial Lead Schottky Power Rectifiers
1N5820 WEITRON-1N5820 Datasheet
277Kb / 3P
   Axial Lead Schottky Power Rectifiers
SR520 WEITRON-SR520 Datasheet
697Kb / 3P
   Axial Lead Schottky Barrier Rectifiers
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
   Axial Lead Rectifiers
July, 2006 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com