Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78302ARNWZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL78302ARNWZ
Description  Dual LDO with Low Noise, High Performance and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78302ARNWZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL78302ARNWZ Datasheet HTML 1Page - Intersil Corporation ISL78302ARNWZ Datasheet HTML 2Page - Intersil Corporation ISL78302ARNWZ Datasheet HTML 3Page - Intersil Corporation ISL78302ARNWZ Datasheet HTML 4Page - Intersil Corporation ISL78302ARNWZ Datasheet HTML 5Page - Intersil Corporation ISL78302ARNWZ Datasheet HTML 6Page - Intersil Corporation ISL78302ARNWZ Datasheet HTML 7Page - Intersil Corporation ISL78302ARNWZ Datasheet HTML 8Page - Intersil Corporation ISL78302ARNWZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ISL78302
4
FN7696.0
January 28, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7.1V
VO1, VO2 Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.6V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN + 0.3)V
ESD Ratings
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . . . 3kV
Machine Model (Tested per JESD-A115-A) . . . . . . . . . . . . . . . . . . . . . 200V
Charge Device Model (Tested per JESD22-C101C). . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Notes 5, 6)
θJA (°C/W) θJC (°C/W)
10 Ld 3x3 DFN Package . . . . . . . . . . . . . . .
59
18.5
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 6.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and
temperature range of the device as follows: TA = -40°C to +105°C; VIN = (VO + 0.5V) to 6.5V with a minimum VIN of 2.3V; CIN = 1µF; CO = 1µF;
CBYP = 0.01µF; CPOR = 0.01µF. Boldface limits apply over the operating temperature range, -40°C to +105°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
DC CHARACTERISTICS
Supply Voltage
VIN
2.3
6.5
V
Ground Current
Quiescent condition: IO1 = 0µA; IO2 = 0µA
IDD1
One LDO active
30
36
µA
IDD2
Both LDO active
47
55
µA
Shutdown Current
IDDS
0.3
2.1
µA
UVLO Threshold
VUV+
1.9
2.1
2.3
V
VUV-
1.6
1.8
2.0
V
Regulation Voltage Accuracy
VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA,
TJ = +25°C
-0.8
+0.8
%
VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA,
TJ = -40°C to +125°C
-1.8
+1.8
%
Maximum Output Current
IMAX
Continuous
300
mA
Internal Current Limit
ILIM
320
475
650
mA
Dropout Voltage (Note 7)
VDO
IO = 300mA
300
mV
IO = 150mA
150
250
mV
Thermal Shutdown Temperature
TSD+
145
°C
TSD-
110
°C
AC CHARACTERISTICS
Ripple Rejection
IO = 10mA, VIN = 2.8V(min), VO = 1.5V,
CBYP = 0.01µF
@ 1kHz
64
dB
@ 10kHz
51
dB
@ 100kHz
38
dB


Similar Part No. - ISL78302ARNWZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302ARNWZ INTERSIL-ISL78302ARNWZ Datasheet
541Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
November 6, 2014
logo
Renesas Technology Corp
ISL78302ARNWZ RENESAS-ISL78302ARNWZ Datasheet
743Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
More results

Similar Description - ISL78302ARNWZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78302 RENESAS-ISL78302 Datasheet
743Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
logo
Intersil Corporation
ISL78302ARFBZ INTERSIL-ISL78302ARFBZ Datasheet
541Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
November 6, 2014
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com