Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78302ARFWZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL78302ARFWZ
Description  Dual LDO with Low Noise, High Performance and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78302ARFWZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL78302ARFWZ Datasheet HTML 2Page - Intersil Corporation ISL78302ARFWZ Datasheet HTML 3Page - Intersil Corporation ISL78302ARFWZ Datasheet HTML 4Page - Intersil Corporation ISL78302ARFWZ Datasheet HTML 5Page - Intersil Corporation ISL78302ARFWZ Datasheet HTML 6Page - Intersil Corporation ISL78302ARFWZ Datasheet HTML 7Page - Intersil Corporation ISL78302ARFWZ Datasheet HTML 8Page - Intersil Corporation ISL78302ARFWZ Datasheet HTML 9Page - Intersil Corporation ISL78302ARFWZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL78302
6
FN7696.0
January 28, 2011
Typical Performance Curves
FIGURE 2. LINE REGULATION (2.5V OUTPUT)
FIGURE 3. LOAD REGULATION
FIGURE 4. OUTPUT VOLTAGE CHANGE vs TEMPERATURE
FIGURE 5. OUTPUT VOLTAGE vs INPUT VOLTAGE (2.5V and 1.5V
OUTPUT)
FIGURE 6. DROPOUT VOLTAGE vs LOAD CURRENT
FIGURE 7. GROUND CURRENT vs INPUT VOLTAGE
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
INPUT VOLTAGE (V)
VO = 2.5V
ILOAD = 0mA
+105°C
-40°C
+25°C
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0
50
100
150
200
250
300
350
400
LOAD CURRENT - IO (mA)
VIN = 3.3V
VO = 2.5V
+105°C
-40°C
+25°C
-0.10
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
-40
-25
-10
5
20
35
50
65
80
95
110
TEMPERATURE (°C)
VIN = 3.3V
VO = 2.5V
VIN = 3.3V
VO = 1.5V
1.4
1.6
1.8
2.0
2.2
2.4
2.6
1.52.0
2.53.0
3.54.0
4.55.0
5.56.0
6.5
INPUT VOLTAGE (V)
VO = 2.5V
VO = 1.5V
IO = 0mA
IO = 150mA
IO = 300mA
IO = 0mA
IO = 150mA
IO = 300 mA
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
400
OUTPUT LOAD (mA)
+105°C
-40°C
+25°C
VO = 1.5V
45
46
47
48
49
50
51
52
53
54
55
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
+105°C
-40°C
+25°C
INPUT VOLTAGE (V)
VO1 = 2.5V
VO2= 1.5V
IO (BOTH CHANNELS) = 0µA


Similar Part No. - ISL78302ARFWZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302ARFWZ INTERSIL-ISL78302ARFWZ Datasheet
541Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
November 6, 2014
logo
Renesas Technology Corp
ISL78302ARFWZ RENESAS-ISL78302ARFWZ Datasheet
743Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
More results

Similar Description - ISL78302ARFWZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78302 RENESAS-ISL78302 Datasheet
743Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
logo
Intersil Corporation
ISL78302ARFBZ INTERSIL-ISL78302ARFBZ Datasheet
541Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
November 6, 2014
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com