Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T400CB-LC Datasheet(PDF) 2 Page - Weitron Technology

Part # T400CB-LC
Description  Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

T400CB-LC Datasheet(HTML) 2 Page - Weitron Technology

  T400CB-LC Datasheet HTML 1Page - Weitron Technology T400CB-LC Datasheet HTML 2Page - Weitron Technology T400CB-LC Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
http://www.weitron.com.tw
2/3
Rev.A 29-Jan-07
0
25
50
75
100
125
0
500
1000
1500
2000
2500
3000
Fig.1 Pulse Wave Form Example
t - Time-(µs)
Test
Waveform
Example
t f 10 µs
t d = 1000 µs
Peak Value
Half Value: IPP / 2 = t d
t f
e-t
0.01
0.1
1
10
-40
tJ- Temperature - (°C)
Fig.2 Typical Peak Off-State Current Vs Junction Temperature
0
40
80
120
RATINGS AND CHARACTERICTIC CURVES (TA=25˚C unless otherwise noted)
Maximum Ratings
T110AB-LC
GF
90
130
150
800
50
2.2
100
T130AB-LC
GG
120
160
150
800
50
2.2
80
T150AB-LC
GH
140
180
150
800
50
2.2
70
T180AB-LC
GI
160
220
150
800
50
2.2
70
T230AB-LC
GJ
190
260
150
800
50
2.2
50
T260AB-LC
GK
220
300
150
800
50
2.2
50
T310AB-LC
GL
275
350
150
800
50
2.2
40
T350AB-LC
GM
300
400
150
800
50
2.2
40
T400AB-LC
GO
360
450
150
800
50
2.2
40
T110BB-LC
GS
90
130
150
800
75
2.2
130
T130BB-LC
GT
120
160
150
800
75
2.2
120
T150BB-LC
GU
140
180
150
800
75
2.2
120
T180BB-LC
GV
160
220
150
800
75
2.2
100
T230BB-LC
GW
190
260
150
800
75
2.2
80
T260BB-LC
GX
220
300
150
800
75
2.2
80
T310BB-LC
GY
275
350
150
800
75
2.2
60
T350BB-LC
GZ
300
400
150
800
75
2.2
60
T400BB-LC
GN
360
400
150
800
75
2.2
60
T110CB-LC
HF
90
130
150
800
100
2.2
150
T130CB-LC
HG
120
160
150
800
100
2.2
140
T150CB-LC
HH
140
180
150
800
100
2.2
140
T180CB-LC
HI
160
220
150
800
100
2.2
125
T230CB-LC
HJ
190
260
150
800
100
2.2
100
T260CB-LC
HK
220
300
150
800
100
2.2
100
T310CB-LC
HL
275
350
150
800
100
2.2
80
T350CB-LC
HM
300
400
150
800
100
2.2
80
T400CB-LC
HS
360
450
150
800
100
2.2
80
Maximum Off-State Current @VDRM : 5μA
Maximum On-State Voltage @IT : 5volts
MINIMUM
HOLDING
CURRENT
dl/dt=1A/ms
IH
mA
SWITCHING
CURRENT
Is
mA
SURGE
RATINGS
IPP
10*1000μS
Amps
ON-STAGE
CURRENT
IT
A
MARKING
CODE
PART
NUMBER
REPETITIVE
PEAK
OFF-STAGE
VOLTAGE
VDRM
VOLTS
SWITCHING
VOLTAGE
@100V/us
Vs
VOLTS
TYPICAL
CAPACITANCE
@2V,1MHz
pF
T110AB-LC Thru T400AB-LC
T110BB-LC Thru T400BB-LC
T110CB-LC Thru T400CB-LC


Similar Part No. - T400CB-LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T400 ETC1-T400 Datasheet
130Kb / 1P
   DIL 14 PIN SINGLE OUTPUT
logo
STMicroelectronics
T400.2D STMICROELECTRONICS-T400.2D Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
T400.2DKS STMICROELECTRONICS-T400.2DKS Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
T400.2K STMICROELECTRONICS-T400.2K Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
T400.2KKS STMICROELECTRONICS-T400.2KKS Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
More results

Similar Description - T400CB-LC

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
T064AB-LC WEITRON-T064AB-LC Datasheet
262Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640H DIODES-TB0640H_1 Datasheet
76Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
logo
Pan Jit International I...
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com