Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T400CB-LC Datasheet(PDF) 3 Page - Weitron Technology

Part # T400CB-LC
Description  Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

T400CB-LC Datasheet(HTML) 3 Page - Weitron Technology

  T400CB-LC Datasheet HTML 1Page - Weitron Technology T400CB-LC Datasheet HTML 2Page - Weitron Technology T400CB-LC Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http://www.weitron.com.tw
3/3
Rev.A 29-Jan-07
RATINGS AND CHARACTERICTIC CURVES (TA=25˚C unless otherwise noted)
0.80
0.85
0.90
0.9
1.00
1.05
1.10
1.15
Fig.5 Typical normalized VS Vs Junction Temperature
tJ - Temperature - (°C)
-40
0
1
10
100
1
10
100
1000
Fig.6 On-State Current Vs Surge Current
Surge Current Duration - Full
Supply Frequency : 60Hz Sinusoidal
Load: Resistive
Rms On-State Current(IT(RMS)) : Maximum
Rated Value at Specified Case Temperature
TXXXAB-LC
TXXXBB-LC
TXXXCB-LC
IPP
ITSM
IT
IS
IH
IRM
VT
VRM
VS
Fig.7 V - I Characteristics Curve
120
40
80
Fig.3 Typical On-State Current Vs On-State Voltage
0.00
0.05
1.00
1.50
2.00
2.50
Fig.4 Typical Holding Current Vs Junction Temperature
tJ - Temperature - (°C)
1
10
100
VT- On - State Voltage - (V)
TXXXAB-LC
TXXXBB-LC
TXXXCB-LC
0
1
2
3
4
5
6
7
-40
0
40
80
120
T110AB-LC Thru T400AB-LC
T110BB-LC Thru T400BB-LC
T110CB-LC Thru T400CB-LC


Similar Part No. - T400CB-LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T400 ETC1-T400 Datasheet
130Kb / 1P
   DIL 14 PIN SINGLE OUTPUT
logo
STMicroelectronics
T400.2D STMICROELECTRONICS-T400.2D Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
T400.2DKS STMICROELECTRONICS-T400.2DKS Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
T400.2K STMICROELECTRONICS-T400.2K Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
T400.2KKS STMICROELECTRONICS-T400.2KKS Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
More results

Similar Description - T400CB-LC

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
T064AB-LC WEITRON-T064AB-LC Datasheet
262Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640H DIODES-TB0640H_1 Datasheet
76Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
logo
Pan Jit International I...
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com