Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSD521G Datasheet(PDF) 1 Page - Weitron Technology

Part # WSD521G
Description  Surface Mount Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WSD521G Datasheet(HTML) 1 Page - Weitron Technology

  WSD521G Datasheet HTML 1Page - Weitron Technology WSD521G Datasheet HTML 2Page - Weitron Technology WSD521G Datasheet HTML 3Page - Weitron Technology WSD521G Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.weitron.com.tw
WEITRON
WSD521G
SMALL SIGNAL
SCHOTTKY DIODES
100m AMPERES
30 VOLTS
Description:
Feature:
Surface Mount Schottky
A
B
C
D
E
J
K
0.95
0.55
0.49
0.25
0.15
0.08
1.35
1.05
0.65
0.55
0.32
0.25
0.15
1.45
SOD-723 Outline Dimensions
Dim
Min
Max
Barrier Diodes
1
2
Lead(Pb)-Free
P b
* Ultra Small mold type
* Low IR
* High Reliability
Rectifying small power
PIN 1. CATHODE
2. ANODE
A
B
D
J
C
E
2X
−Y−
−X−
0.08
X
K
Y
1/4
21-Oct-2010
0.45
0.50
1.1
SCALE 10:1
SOLDERING FOOTPRINT
SOD-723
SOD-723
Silicon epitaxial planer
We declare that the material of product
compliance with RoHS requirements.
We declare that the material of product
is Halogen Free (Green Epoxy Compound).


Similar Part No. - WSD521G

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
484Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - WSD521G

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com