Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74760M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC74760M
Description  On-Screen Display IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74760M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC74760M Datasheet HTML 1Page - Sanyo Semicon Device LC74760M Datasheet HTML 2Page - Sanyo Semicon Device LC74760M Datasheet HTML 3Page - Sanyo Semicon Device LC74760M Datasheet HTML 4Page - Sanyo Semicon Device LC74760M Datasheet HTML 5Page - Sanyo Semicon Device LC74760M Datasheet HTML 6Page - Sanyo Semicon Device LC74760M Datasheet HTML 7Page - Sanyo Semicon Device LC74760M Datasheet HTML 8Page - Sanyo Semicon Device LC74760M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Functions
Pin No.
Symbol
Function
Description
1
VSS
Ground
Ground connection
2
XtalIN1
Crystal oscillator connection
Connection for the crystal and capacitor used to form the crystal oscillator that generates
3
XtalOUT1
the internal synchronization signal. (For an NTSC crystal oscillator 4fsc = 14.318 MHz.)
4
HSYNCOUT
Horizontal synchronization
Outputs the horizontal synchronization signal (AFC). The polarity can be selected with a
output
metal switch.
5
XtalIN2
Crystal oscillator connection
Connection for the crystal and capacitor used to form the crystal oscillator that generates
6
XtalOUT2
the internal synchronization signal. (For a PAL crystal oscillator 4fsc = 17.734 MHz.)
7
VSYNCOUT
Vertical synchronization output
Outputs the vertical synchronization signal. The polarity can be selected with a metal switch.
8
CS
Enable input
Enables/disables serial data input. Serial data is enabled when this pin is low. Pull-up
resistor built in (hysteresis input).
9
SIN
Data input
Serial data input. Pull-up resistor built in (hysteresis input).
10
SCLK
Clock input
Clock input for serial data input. Pull-up resistor built in (hysteresis input).
11
SECAM
SECAM mode switch input
Switches between SECAM and other modes.
Low = other modes, high = SECAM mode
12
525/625
525/625 switch input
Switches between 525 scan lines and 625 scan lines.
Low = 525 lines, high = 625 lines
13
NTSC/PAL
NTSC/PAL switch input
Switches the color mode between NTSC and PAL.
Low = NTSC, high = PAL
14
3.58/4.43
3.58/4.43 switch input
Switch FSC between 3.58 MHz and 4.43 MHz.
Low = 3.58, high = 4.43
15
RST
Reset input
System reset input pin, low is active (reset).
Pull-up resistor built in (hysteresis input).
16
CVOUT
Video signal output
Composite video output
17
VDD2
Power supply connection
Power supply connection for composite video signal level generation
18
CVIN
Video signal input
Composite video input
19
CVCR
Video signal input
SECAM chroma signal input
20
SYNCIN
Sync separator circuit input
Built-in sync separator circuit video signal input
21
SEPC
Sync separator circuit
Built-in sync separator circuit (AMP out)
22
VSS
Ground
Ground connection
23
PDOUT
Control voltage output
AFC control voltage output
24
AMPIN
AFC filter connection
Filter connection
25
AMPOUT
26
FC
Control voltage input
AFC control voltage input
27
VCOIN
LC oscillator connection
VCO LC oscillator circuit coil and capacitor connection
28
VCOOUT
29
SYNCDET
External synchronization signal
Outputs the exclusive NOR of the horizontal synchronization signal (AFC) and CSYNC (sync
detection output
separator).
30
VDD1
Power supply connection
Power supply connection (+5 V: digital system power supply)
No. 4453-3/14
LC74760, 74760M


Similar Part No. - LC74760M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results

Similar Description - LC74760M

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
logo
New Japan Radio
NJM2252 NJRC-NJM2252 Datasheet
357Kb / 10P
   ON SCREEN DISPLAY MIX IC
logo
Sanyo Semicon Device
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com