Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29028A Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL29028A
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29028A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL29028A Datasheet HTML 4Page - Intersil Corporation ISL29028A Datasheet HTML 5Page - Intersil Corporation ISL29028A Datasheet HTML 6Page - Intersil Corporation ISL29028A Datasheet HTML 7Page - Intersil Corporation ISL29028A Datasheet HTML 8Page - Intersil Corporation ISL29028A Datasheet HTML 9Page - Intersil Corporation ISL29028A Datasheet HTML 10Page - Intersil Corporation ISL29028A Datasheet HTML 11Page - Intersil Corporation ISL29028A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL29028A
8
FN7721.1
February 8, 2011
Principles of Operation
I2C Interface
The ISL29028A’s I2C interface slave address is internally hardwired
as 0b100010<x>, where “0b” signifies binary notation and x
represents the logic level on pin ADDR0.
Figure 2 shows a sample one-byte read. The I2C bus master
always drives the SCL (clock) line, while either the master or the
slave can drive the SDA (data) line. Every I2C transaction begins
with the master asserting a start condition (SDA falling while SCL
remains high). The first transmitted byte is initiated by the
master and includes 7 address bits and a R/W bit. The slave is
responsible for pulling SDA low during the ACK bit after every
transmitted byte.
Each I2C transaction ends with the master asserting a stop
condition (SDA rising while SCL remains high).
For more information about the I2C standard, please consult the
Philips™ I2C specification documents.
Photodiodes and ADCs
The ISL29028A contains two photodiode arrays which convert
photons (light) into current. The ALS photodiodes are constructed to
mimic the human eye’s wavelength response curve to visible light
(see Figure 6). The ALS photodiodes’ current output is digitized by a
12-bit ADC in 100ms. These 12 bits can be accessed by reading
from I2C registers 0x9 and 0xA when the ADC conversion is
completed.
The ALS converter is a charge-balancing integrating 12-bit ADC.
Charge-balancing is best for converting small current signals in the
presence of periodic AC noise. Integrating over 100ms highly rejects
both 50Hz and 60Hz light flicker by picking the lowest integer
number of cycles for both 50Hz/60Hz frequencies.
TABLE 11. REGISTER 0x09 (ALSIR_DT1) - ALS/IR SENSOR DATA (LOWER 8 BITS)
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RO
0x00
ALSIR_DATA
(ALS/IR Data)
Lower 8 bits (of 12 bits) from result of ALS/IR sensor conversion
TABLE 12. REGISTER 0x0A (ALSIR_DT2) - ALS/IR SENSOR DATA (UPPER 4 BITS)
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:4
RO
0x00
(Unused)
Unused bits
3:0
RO
0x00
ALSIR_DATA
(ALS/IR Data)
Upper 4 bits (of 12 bits) from result of ALS/IR sensor conversion
TABLE 13. REGISTER 0x0E (TEST1) - TEST MODE
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0x00
(Write as 0x00)
Test mode register. When 0x00, in normal operation
TABLE 14. REGISTER 0x0F (TEST2) - TEST MODE 2
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0x00
(Write as 0x00)
Test mode register. When 0x00, in normal operation
FIGURE 2. I2C DRIVER TIMING DIAGRAM FOR MASTER AND SLAVE CONNECTED TO COMMON BUS
START
W A
A
A6 A5 A4 A3 A2 A1 A0 W A R7 R6 R5 R4 R3 R2 R1 R0 A
A6 A5 A4 A3 A2 A1 A0 W A
A
A
A D7 D6 D5 D4 D3D2 D1D0
13
5
7
13
57
12 3
4 5
6
9
2
4
6
STOP START
SDA DRIVEN BY MASTER
DEVICE ADDRESS
SDA DRIVEN BY ISL29028A
DATA BYTE0
REGISTER ADDRESS
SLAVE
DEVICE ADDRESS
I2C DATA
SDA DRIVEN BY MASTER
SDA DRIVEN BY MASTER
24
68 9
2
468 9
7
8
1
357 8
9
I2C SDA
I2C SDA
I2C CLK
MASTER
(ISL29028A)


Similar Part No. - ISL29028A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29028A INTERSIL-ISL29028A Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29028A INTERSIL-ISL29028A Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
More results

Similar Description - ISL29028A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29030A INTERSIL-ISL29030A Datasheet
601Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com