Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32478E Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL32478E
Description  Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32478E Datasheet(HTML) 3 Page - Intersil Corporation

  ISL32478E Datasheet HTML 1Page - Intersil Corporation ISL32478E Datasheet HTML 2Page - Intersil Corporation ISL32478E Datasheet HTML 3Page - Intersil Corporation ISL32478E Datasheet HTML 4Page - Intersil Corporation ISL32478E Datasheet HTML 5Page - Intersil Corporation ISL32478E Datasheet HTML 6Page - Intersil Corporation ISL32478E Datasheet HTML 7Page - Intersil Corporation ISL32478E Datasheet HTML 8Page - Intersil Corporation ISL32478E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL32470E, ISL32472E, ISL32475E, ISL32478E
3
FN7784.0
January 21, 2011
Pin Descriptions
PIN
NAME
8 LD
PIN #
14 LD
PIN #
FUNCTION
RO
1
2
Receiver output. If A-B
≥ 10mV, RO is high; if A-B ≤ 200mV, RO is low; RO = High if A and B are unconnected (floating),
shorted together, or connected to an undriven, terminated bus.
RE
2
3
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high. Internally pulled low.
DE
3
4
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high impedance when DE is
low. Internally pulled high.
DI
4
5
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z
low.
GND
5
6, 7
Ground connection.
A/Y
6
-
±60V Fault and ±16.5kV HBM ESD Protected, RS-485/RS-422 level, non-inverting receiver input and non-inverting driver
output. Pin is an input if DE = 0; pin is an output if DE = 1.
B/Z
7
-
±60V Fault and ±16.5kV HBM ESD Protected, RS-485/RS-422 level, inverting receiver input and inverting driver output.
Pin is an input if DE = 0; pin is an output if DE = 1.
A
-
12
±60V Fault and ±15kV HBM ESD Protected, RS-485/RS-422 level, non-inverting receiver input.
B
-
11
±60V Fault and ±15kV HBM ESD Protected, RS-485/RS-422 level, inverting receiver input.
Y
-
9
±60V Fault and ±15kV HBM ESD Protected, RS-485/RS-422 level, non-inverting driver output.
Z
-
10
±60V Fault and ±15kV HBM ESD Protected, RS-485/RS-422 level, inverting driver output.
VCC
8
14
System power supply input (4.5V to 5.5V).
NC
-
1, 8, 13 No Internal Connection.
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
10
X
High-Z
(see Note)
High-Z
(see Note)
NOTE: Low Power Shutdown Mode (see Note 11, page 9).
RECEIVING
INPUTS
OUTPUT
RE
DE
Half Duplex
DE
Full Duplex
A-B
RO
00
X
≥ -0.01V
1
00
X
≤ -0.2V
0
00
X
Inputs
Open/Shorted
1
10
0
X
High-Z
(see Note)
11
1
X
High-Z
NOTE: Low Power Shutdown Mode (see Note 11, page 9).


Similar Part No. - ISL32478E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32478E RENESAS-ISL32478E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
ISL32478EIBZ RENESAS-ISL32478EIBZ Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results

Similar Description - ISL32478E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com