Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74776 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC74776
Description  On-Screen Display Controller IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74776 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC74776 Datasheet HTML 1Page - Sanyo Semicon Device LC74776 Datasheet HTML 2Page - Sanyo Semicon Device LC74776 Datasheet HTML 3Page - Sanyo Semicon Device LC74776 Datasheet HTML 4Page - Sanyo Semicon Device LC74776 Datasheet HTML 5Page - Sanyo Semicon Device LC74776 Datasheet HTML 6Page - Sanyo Semicon Device LC74776 Datasheet HTML 7Page - Sanyo Semicon Device LC74776 Datasheet HTML 8Page - Sanyo Semicon Device LC74776 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Continued from preceding page.
No. 6018-5/35
LC74776, 74776M
Ratings
Paremeter
Symbol
Conditions
min
typ
max
Unit
CVOUT: VDD1 = 5.0V,
(1)
1.07
V
Color burst low level
VCBL
VDD2 = 5.0V
(2)
1.27
V
(3)
1.67
V
CVOUT: VDD1 = 5.0V,
(1)
1.67
V
Color burst high level
VCBH
VDD2 = 5.0V
(2)
1.87
V
(3)
2.27
V
Background color
CVOUT: VDD1 = 5.0V,
(1)
1.23
V
(other than blue) low level
VRSL0
VDD2 = 5.0V
(2)
1.43
V
(3)
1.83
V
Background color
CVOUT: VDD1 = 5.0V,
(1)
2.37
V
(other than blue) high level
VRSH0
VDD2 = 5.0V
(2)
2.57
V
(3)
2.97
V
Blue background color 1
CVOUT: VDD1 = 5.0V,
(1)
1.16
V
low level
VRSL1
VDD2 = 5.0V
(2)
1.36
V
(3)
1.76
V
Blue background color 2
CVOUT: VDD1 = 5.0V,
(1)
1.52
V
low level
VRSL2
VDD2 = 5.0V
(2)
1.72
V
(3)
2.12
V
Blue background color 1
CVOUT: VDD1 = 5.0V,
(1)
2.01
V
and 2 high level
VRSH
VDD2 = 5.0V
(2)
2.21
V
(3)
2.61
V
CVOUT: VDD1 = 5.0V,
(1)
1.50
V
Frame level 0
VBK0
VDD2 = 5.0V
(2)
1.70
V
(3)
2.10
V
CVOUT: VDD1 = 5.0V,
(1)
2.08
V
Frame level 1
VBK1
VDD2 = 5.0V
(2)
2.28
V
(3)
2.68
V
CVOUT: VDD1 = 5.0V,
(1)
2.65
V
Character level
VCHA
VDD2 = 5.0V
(2)
2.85
V
(3)
3.25
V
Notes: (1): When the sync level = 0.8 V
(2): When the sync level = 1.0 V
(3): When the sync level = 1.4 V
The blue background color (1 or 2) is set as an option.


Similar Part No. - LC74776

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74770 SANYO-LC74770 Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
More results

Similar Description - LC74776

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
LC74760 SANYO-LC74760 Datasheet
178Kb / 14P
   On-Screen Display IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com