Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3108 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3108
Description  SPI/I2C UART with 128-Word FIFOs in WLP
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3108 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3108 Datasheet HTML 3Page - Maxim Integrated Products MAX3108 Datasheet HTML 4Page - Maxim Integrated Products MAX3108 Datasheet HTML 5Page - Maxim Integrated Products MAX3108 Datasheet HTML 6Page - Maxim Integrated Products MAX3108 Datasheet HTML 7Page - Maxim Integrated Products MAX3108 Datasheet HTML 8Page - Maxim Integrated Products MAX3108 Datasheet HTML 9Page - Maxim Integrated Products MAX3108 Datasheet HTML 10Page - Maxim Integrated Products MAX3108 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
_______________________________________________________________________________________ 7
SPI/I2C UART with 128-Word FIFOs in WLP
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.71V to 3.6V, VL = 1.71V to 3.6V, VEXT = 1.71V to 3.6V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at
VCC = 2.8V, VL = 1.8V, VEXT = 2.5V, TA = +25NC.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
V18 Input Power-Supply Current
I18
Baud rate = 1Mbps, 20MHz external clock,
PLL disabled, UART in loopback mode,
LDOEN = low (Note 4)
2
mA
SCLK/SCL, MISO/SDA
MISO/SDA Output Logic-Low
Voltage in I2C Mode
VOLI2C
Sink current = 3mA, VL > 2V
0.4
V
Sink current = 3mA, VL < 2V
0.2 x
VL
MISO/SDA Output Logic-Low
Voltage in SPI Mode
VOLSPI
Sink current = 2mA
0.4
V
MISO/SDA Output Logic-High
Voltage in SPI Mode
VOHSPI
Source current = 2mA
VL -
0.4
V
Input Logic-Low Voltage
VIL
SPI and I2C mode
0.3 x
VL
V
Input Logic-High Voltage
VIH
SPI and I2C mode
0.7 x
VL
V
Input Hysteresis
VHYST
SPI and I2C mode
0.05 x
VL
V
Input Leakage Current
IIL
VIN = 0 to VL, SPI and I2C mode
-1
+1
F
A
Input Capacitance
CIN
SPI and I2C mode
5
pF
SPI/I2C, CS/A0, MOSI/A1 INPUTS
Input Logic-Low Voltage
VIL
SPI and I2C mode
0.3 x
VL
V
Input Logic-High Voltage
VIH
SPI and I2C mode
0.7 x
VL
V
Input Hysteresis
VHYST
SPI and I2C mode
50
mV
Input Leakage Current
IIL
VIN = 0 to VL, SPI and I2C mode
-1
+1
F
A
Input Capacitance
CIN
SPI and I2C mode
5
pF
IRQ OUTPUT (OPEN DRAIN)
Output Logic-Low Voltage
VOL
Sink current = 2mA
0.4
V
Output Leakage Current
IOL
VIRQ = 0 to VL, IRQ is not asserted
-1
+1
F
A
LDOEN AND RST INPUTS
Input Logic-Low Voltage
VIL
0.3 x
VL
V
Input Logic-High Voltage
VIH
0.7 x
VL
V
Input Hysteresis
VHYST
50
mV
Input Leakage Current
IIL
VIN = 0 to VL
-1
+1
F
A


Similar Part No. - MAX3108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3108 MAXIM-MAX3108 Datasheet
2Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
19-5723; Rev 2; 1/13
MAX3108A MAXIM-MAX3108A Datasheet
1Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
19-6449; Rev 1; 2/15
MAX3108AEWA+T MAXIM-MAX3108AEWA+T Datasheet
1Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
19-6449; Rev 1; 2/15
MAX3108EWA+T MAXIM-MAX3108EWA+T Datasheet
2Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
19-5723; Rev 2; 1/13
MAX3108 MAXIM-MAX3108_V01 Datasheet
2Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
19-5723; Rev 2; 1/13
More results

Similar Description - MAX3108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3108A MAXIM-MAX3108A Datasheet
1Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
19-6449; Rev 1; 2/15
MAX3108 MAXIM-MAX3108_V01 Datasheet
2Mb / 56P
   SPI/I2C UART with 128-Word FIFOs in WLP
19-5723; Rev 2; 1/13
MAX3107 MAXIM-MAX3107_15 Datasheet
1Mb / 52P
   SPI/I2C UART with 128-Word FIFOs
Rev 7; 5/15
MAX3107 MAXIM-MAX3107_11 Datasheet
2Mb / 52P
   SPI/I2C UART with 128-Word FIFOs
Rev 3; 8/11
MAX3107 MAXIM-MAX3107_10 Datasheet
2Mb / 52P
   SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 2; 4/10
MAX3107 MAXIM-MAX3107 Datasheet
2Mb / 51P
   SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
Rev 0; 10/09
MAX14830 MAXIM-MAX14830_V01 Datasheet
1Mb / 68P
   Quad Serial UART with 128-Word FIFOs
19-5547; Rev 7; 2/16
MAX3109 MAXIM-MAX3109_V01 Datasheet
2Mb / 66P
   Dual Serial UART with 128-Word FIFOs
19-5806; Rev 6; 8/20
MAX3109 MAXIM-MAX3109_15 Datasheet
1Mb / 66P
   Dual Serial UART with 128-Word FIFOs
Rev 3; 2/15
MAX14830 MAXIM-MAX14830_15 Datasheet
2Mb / 68P
   Quad Serial UART with 128-Word FIFOs
Rev 5; 2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com