Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6372KA-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6372KA-T
Description  Pin-Selectable Watchdog Timers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6372KA-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6372KA-T Datasheet HTML 1Page - Maxim Integrated Products MAX6372KA-T Datasheet HTML 2Page - Maxim Integrated Products MAX6372KA-T Datasheet HTML 3Page - Maxim Integrated Products MAX6372KA-T Datasheet HTML 4Page - Maxim Integrated Products MAX6372KA-T Datasheet HTML 5Page - Maxim Integrated Products MAX6372KA-T Datasheet HTML 6Page - Maxim Integrated Products MAX6372KA-T Datasheet HTML 7Page - Maxim Integrated Products MAX6372KA-T Datasheet HTML 8Page - Maxim Integrated Products MAX6372KA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin-Selectable Watchdog Timers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +5.5V, SET_ = VCC or GND, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C and
VCC = +3V.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC .....................................................................-0.3V to +6V
WDI.....................................................................-0.3V to +6V
WDO (Open Drain: MAX6369/71/73) .................-0.3V to +6V
WDO (Push-Pull: MAX6370/72/74 .......-0.3V to (VCC + 0.3V)
SET0, SET1, SET2 ................................-0.3V to (VCC + 0.3V)
Maximum Current, Any Pin (input/output)...........................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 8.75mW/°C above +70°C).........700mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
VCC Rise or Fall Rate......................................................0.05V/µs
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-free...................................................................+260°C
Containing Lead (Pb).......................................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
2.5
5.5
V
TA = -40°C to +85°C8
20
Supply Current
ICC
No load
TA = -40°C to +125°C10
22
µA
Input High Voltage
VIH
WDI, SET0, SET1, SET2
0.8
×VCC
V
VCC
≥ 3.3V,
TA = -40°C to +85°C
0.8
VCC
≥ 3.3V,
TA = -40°C to +125°C
0.6
VCC
≥ 2.5V,
TA = -40°C to +85°C
0.6
Input Low Voltage
VIL
WDI, SET0,
SET1, SET2
VCC
≥ 2.5V,
TA = -40°C to +125°C
0.4
V
Logic Input Current (Note 2)
VWDI or VSET_ = 0V or VCC
0
±10
nA
ISINK = 1.2mA, VCC > 2.7V, watchdog
output asserted
0.3
V
WDO Output Low
Voltage
VOL
ISINK = 6mA, VCC > 4.5V, watchdog
output asserted
0.4
V
WDO Leakage Current
ILKG
VWDO = 0 to +5.5V, output deasserted,
MAX6369/MAX6371/MAX6373
1µA
ISOURCE = 500µA, VCC > 2.7V, watchdog
output deasserted
0.8
×VCC
WDO Output High
Voltage
VOH
ISOURCE = 800µA, VCC > 4.5V, watchdog
output deasserted
VCC -1.5
V


Similar Part No. - MAX6372KA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6372KA-T MAXIM-MAX6372KA-T Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6372KA-T MAXIM-MAX6372KA-T Datasheet
288Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 4; 6/10
MAX6372KA-T MAXIM-MAX6372KA-T Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
More results

Similar Description - MAX6372KA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6371KA MAXIM-MAX6371KA Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6369 MAXIM-MAX6369 Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6369 MAXIM-MAX6369_10 Datasheet
288Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 4; 6/10
logo
Hitachi Semiconductor
HA16113FPJ HITACHI-HA16113FPJ Datasheet
102Kb / 18P
   Dual Watchdog Timers
logo
Maxim Integrated Produc...
MAX16997 MAXIM-MAX16997 Datasheet
154Kb / 16P
   High-Voltage Watchdog Timers with Adjustable Timeout Delay
Rev 1; 4/09
logo
Vicor Corporation
PRM48JH480X250A00 VICOR-PRM48JH480X250A00 Datasheet
2Mb / 44P
   Pin selectable operating mode
PRM48AH480X200A00 VICOR-PRM48AH480X200A00 Datasheet
3Mb / 42P
   Pin selectable operating mode
logo
Nuvoton Technology Corp...
NAU8315 NUVOTON-NAU8315 Datasheet
1Mb / 43P
   Pin Selectable Gain Setting
logo
Linear Technology
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com