Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16008 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16008
Description  Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16008 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16008_11 Datasheet HTML 3Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 4Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 5Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 6Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 7Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 8Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 9Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 10Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Low-Voltage, High-Accuracy, Quad Window
Voltage Detectors in Thin QFN
_______________________________________________________________________________________
7
Pin Description (continued)
PIN
NAME
FUNCTION
13
16
UVOUT2
Active-Low Undervoltage Output 2. When the voltage at UVIN2 falls below its threshold, UVOUT2
asserts low and stays asserted until the voltage at UVIN2 exceeds its threshold. The open-drain
output has a 30µA internal pullup to VCC.
14
17
OVOUT1
Active-Low Overvoltage Output 1. When the voltage at OVIN1 rises above its threshold, OVOUT1
asserts low and stays asserted until the voltage at OVIN1 falls below its threshold. The open-drain
output has a 30µA internal pullup to VCC.
15
18
UVOUT1
Active-Low Undervoltage Output 1. When the voltage at UVIN1 falls below its threshold, UVOUT1
asserts low and stays asserted until the voltage at UVIN1 exceeds its threshold. The open-drain
output has a 30µA internal pullup to VCC.
16
20
UVIN1
Undervoltage Threshold Input 1. When the voltage on UVIN1 falls below its threshold, UVOUT1
asserts low.
17
21
OVIN1
Overvoltage Threshold Input 1. When the voltage on OVIN1 rises above its threshold, OVOUT1
asserts low.
18
22
UVIN2
Undervoltage Threshold Input 2. When the voltages on UVIN2 falls below its threshold, UVOUT2
asserts low.
19
23
OVIN2
Overvoltage Threshold Input 2. When the voltage on OVIN2 rises above its threshold, OVOUT2
asserts low.
5
N.C.
Not Internally Connected
—12
MR
Active-Low Manual Reset Input. Pull MR low to assert RESET low. RESET remains low for the reset
timeout period after MR is deasserted. MR is pulled up to VCC through a 20k
Ω resistor.
13
SRT
Set Reset Timeout Input. Connect a capacitor from SRT to GND to set the reset timeout period. The
reset timeout period can be calculated as follows: Reset Timeout (s) = 2.06 x 106 (
Ω) x CSRT (F). Do
not set the reset timeout period to more than 1.12s. For the internal timeout period of 140ms (min),
connect SRT to VCC.
—19
RESET
Active-Low Reset Output. RESET asserts low when the voltage on any of the UVIN_ inputs falls below
their respective thresholds, the voltage on any of the OVIN_ inputs goes above its respective
threshold, or MR is asserted. RESET remains asserted for at least the minimum reset timeout after all
monitored UVIN_ inputs exceed their respective thresholds, all OVIN_ inputs fall below their
respective thresholds, and MR is deasserted. This open-drain output has a 30µA internal pullup.
——
EP
Exposed Pad. EP is internally connected to GND. Connect EP to the ground plane to provide a low
thermal resistance path from the IC junction to the PC board. Do not use as the only electrical
connection to GND.


Similar Part No. - MAX16008_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16008TP++ MAXIM-MAX16008TP+ Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
More results

Similar Description - MAX16008_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
logo
STMicroelectronics
STM6710FWB6F STMICROELECTRONICS-STM6710FWB6F Datasheet
315Kb / 21P
   Low voltage, high accuracy, triple/quad voltage microprocessor
logo
Maxim Integrated Produc...
MAX4695 MAXIM-MAX4695 Datasheet
271Kb / 11P
   Low-Voltage, 60ohm Dual SPDT Analog Switch in Thin QFN
Rev 1, 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com