Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19997AETX+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX19997AETX+T
Description  Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19997AETX+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX19997AETX+T Datasheet HTML 2Page - Maxim Integrated Products MAX19997AETX+T Datasheet HTML 3Page - Maxim Integrated Products MAX19997AETX+T Datasheet HTML 4Page - Maxim Integrated Products MAX19997AETX+T Datasheet HTML 5Page - Maxim Integrated Products MAX19997AETX+T Datasheet HTML 6Page - Maxim Integrated Products MAX19997AETX+T Datasheet HTML 7Page - Maxim Integrated Products MAX19997AETX+T Datasheet HTML 8Page - Maxim Integrated Products MAX19997AETX+T Datasheet HTML 9Page - Maxim Integrated Products MAX19997AETX+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Dual, SiGe High-Linearity, 1800MHz to 2900MHz
Downconversion Mixer with LO Buffer
6
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Single sideband, no blockers present
fRF = 2400MHz to 2900MHz (Notes 6, 8)
10.3
13.0
Noise Figure
NFSSB
Single sideband, no blockers present,
fRF = 2400MHz to 2900MHz, TC = +25°C
(Notes 6, 8)
10.3
11.3
dB
Noise Figure Temperature
Coefficient
TCNF
Single sideband, no blockers present,
TC = -40°C to +85°C
0.018
dB/°C
Noise Figure Under Blocking
Conditions
NFB
fBLOCKER = 2793MHz, PBLOCKER = 8dBm,
fRF = 2600MHz, fLO = 2250MHz,
PLO = 0dBm, Vcc = +5.0V, TC = +25°C
(Notes 6, 8, 12)
22
25
dB
fRF = 2600MHz, fLO = 2250MHz,
PRF = -10dBm, fSPUR = fLO + 175MHz,
TC = +25°C (Note 8)
62
67
2RF-2LO Spur
2 x 2
fRF = 2600MHz, fLO = 2250MHz,
PRF = -5dBm, fSPUR = fLO + 175MHz,
TC = +25°C (Notes 8, 9)
57
62
dBc
fRF = 2600MHz, fLO = 2250MHz,
PRF = -10dBm, fSPUR = fLO + 116.67MHz,
TC = +25°C (Note 8)
78
83
3RF-3LO Spur
3 x 3
fRF = 2600MHz, fLO = 2250MHz,
PRF = -5dBm, fSPUR = fLO + 116.67MHz,
TC = +25°C (Notes 8, 9)
68
73
dBc
RF Input Return Loss
LO on and IF terminated into a matched
impedance
16
dB
LO Input Return Loss
RF and IF terminated into a matched
impedance
11.5
dB
IF Output Impedance
ZIF
Nominal differential impedance at the IC’s
IF outputs
200
Ω
IF Output Return Loss
RF terminated into 50
Ω, LO driven by 50Ω
source, IF transformed to 50
Ω using
external components shown in the Typical
Application Circuit
20
dB
+5.0V SUPPLY, LOW-SIDE LO INJECTION AC ELECTRICAL CHARACTERISTICS
(continued)
(
Typical Application Circuit optimized for the standard RF band (see Table 1), VCC = +4.75V to +5.25V, RF and LO ports are driven
from 50Ω sources, PLO = -3dBm to +3dBm, PRF = -5dBm, fRF = 2300MHz to 2900MHz, fLO = 1950MHz to 2550MHz, fIF = 350MHz,
fRF > fLO, TC = -40°C to +85°C. Typical values are at VCC = +5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 2600MHz, fLO = 2250MHz,
fIF = 350MHz, TC = +25°C, unless otherwise noted.) (Note 7)


Similar Part No. - MAX19997AETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19997AETX+T MAXIM-MAX19997AETX+T Datasheet
492Kb / 34P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19997AETX+T MAXIM-MAX19997AETX+T Datasheet
631Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
More results

Similar Description - MAX19997AETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19997A_1108 MAXIM-MAX19997A_1108 Datasheet
631Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
MAX19997A MAXIM-MAX19997A Datasheet
492Kb / 34P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19998 MAXIM-MAX19998 Datasheet
5Mb / 28P
   SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com