Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74786 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC74786
Description  On-Screen Display Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74786 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC74786 Datasheet HTML 7Page - Sanyo Semicon Device LC74786 Datasheet HTML 8Page - Sanyo Semicon Device LC74786 Datasheet HTML 9Page - Sanyo Semicon Device LC74786 Datasheet HTML 10Page - Sanyo Semicon Device LC74786 Datasheet HTML 11Page - Sanyo Semicon Device LC74786 Datasheet HTML 12Page - Sanyo Semicon Device LC74786 Datasheet HTML 13Page - Sanyo Semicon Device LC74786 Datasheet HTML 14Page - Sanyo Semicon Device LC74786 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
No. 5729-11/23
LC74786, 74786M, 74786JM
COMMAND2: Vertical display start position and vertical character size setup command
• First byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
1
6
0
Command 2 identification code.
5
1
Sets the vertical display start position and the vertical character size.
4
0
3
VS21
0
1
Second line vertical character size
2
VS20
0
1
1
VS11
0
1
First line vertical character size
0
VS10
0
1
VS20
0
1
VS21
0
1H/dot
2H/dot
1
3H/dot
1H/dot
The vertical display start position is set by the 6 bits
VP0 to VP5.
The weight of bit 1 is 2H.
• Second byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
0
Second byte identification bit
6
FS
0
Crystal oscillator frequency: 2fsc
1
Crystal oscillator frequency: 4fsc
5
VP5
0
If VS is the vertical display start position then:
(MSB)
1
VS =
α + H × (2Σ 2n VPn)
4
VP4
0
H: the horizontal synchronization pulse period
1
α = 20 H (in 525-line systems)
3
VP3
0
= 25 H (in 625-line systems)
1
2
VP2
0
1
1
VP1
0
1
0
VP0
0
(LSB)
1
Note: All registers are set to 0 when the LC74786/M/JM is reset by the RST pin.
5
n=0
VS10
0
1
VS11
0
1H/dot
2H/dot
1
3H/dot
1H/dot
Character
display area


Similar Part No. - LC74786

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74780 SANYO-LC74780 Datasheet
338Kb / 16P
   On-screen Video Display Controllers for VCRs
LC74780M SANYO-LC74780M Datasheet
338Kb / 16P
   On-screen Video Display Controllers for VCRs
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
   On-screen Video Display Controller for VCR Products?
LC74781M SANYO-LC74781M Datasheet
340Kb / 16P
   On-screen Video Display Controller for VCR Products?
LC74782 SANYO-LC74782 Datasheet
337Kb / 16P
   On-screen Display Controller LSI for VCR Products???
More results

Similar Description - LC74786

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com