Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1508 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SD1508
Description  Pulse Motor Drive, Hammer Drive Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1508 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SD1508 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1508 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1508 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1508 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1508 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SD1508
2009-12-21
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Darlington power transistor)
2SD1508
Pulse Motor Drive, Hammer Drive Applications
Switching Applications
Power Amplifier Applications
• High DC current gain: hFE = 4000 (min) (VCE = 2 V, IC = 150 mA)
• Low saturation voltage: VCE (sat) = 1.5 V (max) (IC = 1 A, IB = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
10
V
DC
IC
1.5
Collector current
Pulse
ICP
3.0
A
Base current
IB
50
mA
Ta = 25°C
1.2
Collector power
dissipation
Tc = 25°C
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note1: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Equivalent Circuit
Unit: mm
JEDEC
JEITA
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)
BASE
EMITTER
COLLECTOR


Similar Part No. - 2SD1508

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1508 TOSHIBA-2SD1508 Datasheet
202Kb / 4P
   NPN EPITAXIAL TYPE (PULSE MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SD1508

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2481 TOSHIBA-2SD2481_06 Datasheet
149Kb / 5P
   Pulse Motor Drive, Hammer Drive Applications
2SD1224 TOSHIBA-2SD1224_06 Datasheet
155Kb / 5P
   Pulse Motor Drive, Hammer Drive Applications
2SB1411 TOSHIBA-2SB1411 Datasheet
200Kb / 4P
   TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SD2604 TOSHIBA-2SD2604 Datasheet
178Kb / 4P
   HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE APPLICATIONS
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SD1357 TOSHIBA-2SD1357 Datasheet
273Kb / 3P
   HIGH POWER SWITCHING APPLICATIONS. HAMMER DRIVE, PULSE. MOTOR DRIVE APPLICATIONS.
2SB908 TOSHIBA-2SB908_07 Datasheet
167Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SD549 TOSHIBA-2SD549 Datasheet
217Kb / 3P
   PULSE MOTOR DRIVE, HAMMER DRIVE APPLICATIONS. SWITCHING APPLICATIONS. POWER AMPLIFIER APPLICATIONS.
2SB908 TOSHIBA-2SB908_10 Datasheet
171Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907_07 Datasheet
165Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com