Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74792 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC74792
Description  VPS / PDC Slicer IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74792 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC74792 Datasheet HTML 7Page - Sanyo Semicon Device LC74792 Datasheet HTML 8Page - Sanyo Semicon Device LC74792 Datasheet HTML 9Page - Sanyo Semicon Device LC74792 Datasheet HTML 10Page - Sanyo Semicon Device LC74792 Datasheet HTML 11Page - Sanyo Semicon Device LC74792 Datasheet HTML 12Page - Sanyo Semicon Device LC74792 Datasheet HTML 13Page - Sanyo Semicon Device LC74792 Datasheet HTML 14Page - Sanyo Semicon Device LC74792 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
No. 5965-11/25
LC74792, 74792JM
Command 2 (VPS/PDC control command 2)
• First byte
DA 0 to 7
Register
Contents
Notes
Status
Function
7
1
First byte identification bit
6
1
Command 2 identification code.
5
1
VPS/PDC control settings 2.
4
1
3
0
2
0
1
1
0
0
• Second byte
DA 0 to 7
Register
Contents
Notes
Status
Function
7
0
Second byte identification bit
6
VMWSE2
0
From the vertical mask period start return period
CPOUT pin (pin 11) vertical mask
1
From 10H before the vertical mask period start return period
period switching 2
5
VMWSEL
0
The vertical mask period is the return period
CPOUT pin (pin 11) vertical mask
1
The vertical mask period is 9H
period switching
4
HBS2
0
Clock run discrimination 1 (2 times)
Clock run discrimination circuit setting
1
Clock run discrimination 2 (4 times)
3
HBS1
0
Framing code discrimination 1
Framing code discrimination selection
1
Framing code discrimination 2 (A single bad bit is ignored)
0
Error check enabled (The error check can be turned on or off on
2
BMS
per-byte basis.)
1
Error check disabled (Applications can select whether data with errors
is held or written for each byte.)
1
EMS
0
Data hold
1
Data write (Error bits are set to 0 in VPS mode)
Error check turned on for unused bytes
0
VPS: bytes 3, 4, and 6 to 10, PDC: bytes 7 to 12
Header 1: bytes 14 to 37, 2: 14 to 29, 3 14 to 21.
0
DCE
Status 1 (3): bytes 7 to 25, status 2 (4) bytes 7 to 35.
Error check turned off for unused bytes
1
VPS: bytes 3, 4, and 6 to 10, PDC: bytes 7 to 12
Header 1: bytes 14 to 37, 2: 14 to 29, 3 14 to 21.
Status 1 (3): bytes 7 to 25, status 2 (4) bytes 7 to 35.
When set to 0: If there are no errors in bytes
for which the error check is turned on, those
bytes will be written to P-S (COM7-9).
When set to 1: Data is written to P-S
regardless of whether or not errors occurred.
When error checking is enabled, specifies the
processing when an error occurs in a byte for
which error checking was turned off
Error check setting for unused data
bytes
Biphase (VPS),
Hamming (PDC),
Odd parity (header)
Note: All registers are cleared to 0 when the IC is reset by the RST pin.


Similar Part No. - LC74792

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74793JM SANYO-LC74793JM Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74794M SANYO-LC74794M Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
More results

Similar Description - LC74792

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
logo
Zarlink Semiconductor I...
MV1822 ZARLINK-MV1822 Datasheet
584Kb / 11P
   PDC VPS AND TIME RECEIVER
logo
Siemens Semiconductor G...
SDA5650 SIEMENS-SDA5650 Datasheet
747Kb / 41P
   VPS / PDC-plus Decoder
logo
Zarlink Semiconductor I...
MV1821 ZARLINK-MV1821 Datasheet
586Kb / 8P
   VIDEO CASSETTE RECORDER PDC AND VPS INTERFACE CIRCUIT
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
logo
NXP Semiconductors
SAA4700T PHILIPS-SAA4700T Datasheet
80Kb / 14P
   VPS dataline processor
March 1991
SAA5233 PHILIPS-SAA5233 Datasheet
87Kb / 20P
   Dual standard PDC decoder
June 1994
SAA4700 PHILIPS-SAA4700 Datasheet
65Kb / 12P
   VPS dataline processor
March 1991
logo
Sanyo Semicon Device
LC7454A SANYO-LC7454A Datasheet
704Kb / 16P
   CMOS Data Slicer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com