Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1662 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SD1662
Description  High Current Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1662 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SD1662 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1662 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1662 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1662 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD1662
2006-11-21
3
Collector-emitter voltage VCE (V)
IC – VCE
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
Collector-emitter voltage VCE (V)
Safe Operating Area
Collector current IC (A)
VBE (sat) – IC
0
0
8
16
2
4
6
8
IB = 1.5 mA
2
0
Common emitter
Tc = 25°C
10
4
12
2.5
3
3.5
4
4.5
5
10000
0.1
200
500
1000
3000
5000
0.3
1
3
10
30
Tc = 100°C
25
−55
Common emitter
VCE = 3 V
0.5
0.1
10
Tc = −55°C
100
25
Common emitter
IC/IB = 500
1
1
10
0.3
3
30
0.1
0.3
3
5
0
0
8
12
0.4
0.8
1.6
2.4
Common emitter
VCE = 3 V
Tc = 100°C
25
−55
1.2
2.0
4
16
0.5
0.1
10
Tc = −55°C
100
25
Common emitter
IC/IB = 500
1
1
10
0.3
3
30
0.1
0.3
3
5
10
30
100
300
0.05
3
30
0.5
1
3
5
10
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
IC max
(continuous)
IC max (pulsed)*
VCEO max
1 ms*
10 ms*
100 μs*
DC operation
Tc = 25°C
0.1
0.3
3 ms*


Similar Part No. - 2SD1662

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1662 TOSHIBA-2SD1662 Datasheet
164Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
logo
Inchange Semiconductor ...
2SD1662 ISC-2SD1662 Datasheet
131Kb / 2P
   High DC Current Gain
More results

Similar Description - 2SD1662

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com