Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74794M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC74794M
Description  On-Screen Display Controller LSI
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74794M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC74794M Datasheet HTML 1Page - Sanyo Semicon Device LC74794M Datasheet HTML 2Page - Sanyo Semicon Device LC74794M Datasheet HTML 3Page - Sanyo Semicon Device LC74794M Datasheet HTML 4Page - Sanyo Semicon Device LC74794M Datasheet HTML 5Page - Sanyo Semicon Device LC74794M Datasheet HTML 6Page - Sanyo Semicon Device LC74794M Datasheet HTML 7Page - Sanyo Semicon Device LC74794M Datasheet HTML 8Page - Sanyo Semicon Device LC74794M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Overview
The LC74794 and LC74794M are CMOS LSIs for on-
screen display, a function that displays characters and
patterns on a TV screen under microprocessor control.
They feature a built-in PDC/VPS/UDT interface circuit.
These LSIs support 12
× 18 dot characters and can display
12 lines by 24 characters of text.
Features
• Display format: 24 characters by 12 rows (Up to 288
characters)
• Character format: 12 (horizontal)
× 18 (vertical) dots
• Character sizes: Three sizes each in the horizontal and
vertical directions
• Characters in font: 128
• Initial display positions: 64 horizontal positions and 64
vertical positions
• Blinking: Specifiable in character units
• Blinking types: Two periods supported: 1.0 second and
0.5 second
• Blanking: Over the whole font (12
× 18 dots)
• Background color
— Background coloring: 8 colors (internal synchronization
mode): 4fsc
— Background coloring: 6 colors (internal synchronization
mode): 2fsc
— Blue background only: NTSC
• Line background color
— Can be set for 3 lines
— Line background coloring: 8 colors (internal synchro-
nization mode): 4fsc
— Line background coloring: 6 colors (internal synchro-
nization mode): 2fsc
• External control input: 8-bit serial input format
• On-chip sync separator and AFC circuits
• PDC/VPS/UDT interface circuit
• Composite video output in the PAL or NTSC format
Package Dimensions
unit: mm
3196-DIP30SD
unit: mm
3216A-MFP30S
CMOS LSI
Ordering number : EN*5557
22897HA (OT)/No. 5557-1/30
Preliminary
SANYO: DIP30SD
[LC74794]
SANYO: MFP30S
[LC74794M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
On-Screen Display Controller LSI
LC74794, 74794M


Similar Part No. - LC74794M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74792JM SANYO-LC74792JM Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74793JM SANYO-LC74793JM Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
More results

Similar Description - LC74794M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com