Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75281E Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC75281E
Description  Parametric Equalizer System
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75281E Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC75281E Datasheet HTML 1Page - Sanyo Semicon Device LC75281E Datasheet HTML 2Page - Sanyo Semicon Device LC75281E Datasheet HTML 3Page - Sanyo Semicon Device LC75281E Datasheet HTML 4Page - Sanyo Semicon Device LC75281E Datasheet HTML 5Page - Sanyo Semicon Device LC75281E Datasheet HTML 6Page - Sanyo Semicon Device LC75281E Datasheet HTML 7Page - Sanyo Semicon Device LC75281E Datasheet HTML 8Page - Sanyo Semicon Device LC75281E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Continued from preceding page.
No. 5913-4/10
LC75281E
Pin No.
Pin
Function
10
LHMC2
11
LHMC1
12
LHMC4
13
LHMC3
14
LHMC5
15
LHC2
16
LHC1
17
LHC4
18
LHC3
19
LHC5
20, 24, 29
NC
Unused pins. These pins must be either left open or connected to VSS.
56, 57
23
Vref
Internal operational amplifier reference voltage generator outputs.
Several capacitors with values of about 10 µF must be connected with this pin to reduce ripple.
21
VSS
Power supply.
22
VDD
These pins must be connected to the stipulated power supply.
27
CE
26
DI
Serial data and clock inputs for IC control
25
CL
49
RLC2
48
RLC1
47
RLC4
46
RLC3
45
RLC5
44
RLMC2
43
RLMC1
42
RLMC4
41
RLMC3
40
RLMC5
39
RHMC2
38
RHMC1
37
RHMC4
36
RHMC3
35
RHMC5
34
RHC2
33
RHC1
32
RHC4
31
RHC3
30
RHC5
58
LCUT2
59
LCUT1
61
LBOOS2
62
LBOOS1
55
RCUT2
54
RCUT1
52
RBOOS2
51
RBOOS1
60
LIN
Left channel audio signal input (Must be driven with a low load capacitance.)
53
RIN
Right channel audio signal input (Must be driven with a low load capacitance.)
63
LOUT
Left channel audio signal output (Must be received with a low load capacitance.)
50
ROUT
Right channel audio signal output (Must be received with a low load capacitance.)
28
TEST
IC test pin.
This pin must be left open when not used for IC test.
Left channel high mid band control block.
External capacitor connections.
Left channel high band control block.
External capacitor connections.
Chip enable input. Data is written to the internal latch and the analog switches operate when this pin
changes from high to low. Data transfer is enabled when this pin is high.
Right channel low band control block.
External capacitor connections.
Right channel low mid band control block.
External capacitor connections.
Right channel high mid band control block.
External capacitor connections.
Right channel high band control block.
External capacitor connections.
Internal filter DC offset voltage exclusion capacitor connections.
Capacitors of about 10 µF must be connected between pins 61 and 62, and between pins 63 and 64.
(These are for the left channel block.)
Internal filter DC offset voltage exclusion capacitor connections.
Capacitors of about 10 µF must be connected between pins 51 and 52, and between pins 49 and 50.
(These are for the right channel block.)


Similar Part No. - LC75281E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7520 SANYO-LC7520 Datasheet
244Kb / 2P
   GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO, MUSIC CENTER USE
LC7522 SANYO-LC7522 Datasheet
329Kb / 5P
   ELECTORONIC VOLUME CONTROL FOR GRAPHIC EQUALIZER
LC7527 SANYO-LC7527 Datasheet
244Kb / 11P
   Graphic Equalizer System
LC7527E SANYO-LC7527E Datasheet
244Kb / 11P
   Graphic Equalizer System
More results

Similar Description - LC75281E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3100M SANYO-LV3100M Datasheet
425Kb / 9P
   Parametric Equalizer
logo
Keysight Technologies
4082A KEYSIGHT-4082A Datasheet
297Kb / 21P
   Parametric Test System
4082F KEYSIGHT-4082F Datasheet
324Kb / 23P
   Flash Memory Cell Parametric Test System
logo
Sanyo Semicon Device
LC7527E SANYO-LC7527E Datasheet
244Kb / 11P
   Graphic Equalizer System
logo
Sony Corporation
CXB1441R SONY-CXB1441R Datasheet
163Kb / 11P
   Cable Equalizer with 2-system Switching Function
logo
Keysight Technologies
U2941A KEYSIGHT-U2941A Datasheet
1Mb / 6P
   Parametric Test Fixture
E6708A KEYSIGHT-E6708A Datasheet
98Kb / 4P
   RF Parametric and Functional Test
logo
Sony Corporation
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
logo
Cirrus Logic
WM9081 CIRRUS-WM9081 Datasheet
2Mb / 103P
   Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com