Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7535M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC7535M
Description  Electronic Volume/Loudness Control with Serial Data Control and High Voltage-Handling Capacity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7535M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC7535M Datasheet HTML 1Page - Sanyo Semicon Device LC7535M Datasheet HTML 2Page - Sanyo Semicon Device LC7535M Datasheet HTML 3Page - Sanyo Semicon Device LC7535M Datasheet HTML 4Page - Sanyo Semicon Device LC7535M Datasheet HTML 5Page - Sanyo Semicon Device LC7535M Datasheet HTML 6Page - Sanyo Semicon Device LC7535M Datasheet HTML 7Page - Sanyo Semicon Device LC7535M Datasheet HTML 8Page - Sanyo Semicon Device LC7535M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
No. 5760-5/9
LC7535M
Pin Descriptions
Pin No.
Pin
Function
Equivalent circuit
• 5-dB step attenuator inputs
These inputs must be driven by low-impedance circuits.
2
L5dBIN
29
R5dBIN
• Loudness circuit connections
Connect the high-band compensation capacitors between the CT1 and 5dBIN pins, and
connect the low band compensation capacitors between the CT2 and the VM pins.
• 5-dB step attenuator outputs
These outputs must be accepted by circuits with an impedance of between 47 k
Ω and 1 MΩ.
3
LCT1
28
RCT1
4
LCT2
27
RCT2
5
L5dBOUT
26
R5dBOUT
• 1-dB step attenuator inputs
These inputs must be driven by low-impedance circuits.
7
L1dBIN
24
R1dBIN
• 1-dB step attenuator outputs
These outputs must be accepted by circuits with an impedance of between 47 k
Ω and 1 MΩ.
8
L1dBOUT
23
R1dBOUT
• Common connections for the volume control circuit. The impedance of the printed circuit board
pattern connected to these pins must be kept as low as possible. Since the LVM, RVM, and VSS
pins are not connected internally, they must be connected externally as required by the various
specifications. When a single-sided power supply is used, the capacitors between VM and VSS
become the residual resistance when the volume control is set at its maximum attenuation. This
means that care is required in selecting the values of these capacitors.
9
LVM
• Selection input for the address code in the data format. If this pin is connected to VDD, data will
be accepted when the address code is 9, and if connected to VCC, data will be accepted when
the address code is 8.
12
S
22
RVM
• Input pins for the serial data used to control the device.
These inputs must have an amplitude of 0 to 5 V. In applications in which any of microcontroller
CL, DI, or CE may go high in backup mode (when VDD = VCC = 0 V), the signal lines must have
series resistors of at least 2 k
Ω inserted.
17
CL
• Power supply connections. All these pins must be connected to the corresponding power
supply voltage. When power is first applied, the VCC voltage must not rise before VDD.
10
VEE
18
DI
19
CE
• Unconnected (NC) pins
Do not connect any signals or devices to these pins.
1, 6, 11,
15, 16,
20, 25,
30
NC
13
VDD
14
VSS
21
VCC


Similar Part No. - LC7535M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7535P SANYO-LC7535P Datasheet
86Kb / 6P
   High-voltage, Two-channel Electronic Attenuator
More results

Similar Description - LC7535M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
   High Breakdown Voltage Serial Control Electronic Volume Control
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
   Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
   Serial Data Control Dual Electronic Volume
logo
Mitsubishi Electric Sem...
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M61545AFP RENESAS-M61545AFP Datasheet
303Kb / 12P
   Serial Data Control Dual Electronic Volume
logo
Silan Microelectronics ...
SC9260 SILAN-SC9260 Datasheet
216Kb / 12P
   2CH ELECTRONIC VOLUME CONTROLLER CONTROLLED BY SERIAL INTERFACE WITH LOUDNESS CONTROL
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
   Serial data controlled dual channel electronic volume control
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com