Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78310ARAJZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL78310ARAJZ
Description  High Performance 1A LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78310ARAJZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL78310ARAJZ Datasheet HTML 1Page - Intersil Corporation ISL78310ARAJZ Datasheet HTML 2Page - Intersil Corporation ISL78310ARAJZ Datasheet HTML 3Page - Intersil Corporation ISL78310ARAJZ Datasheet HTML 4Page - Intersil Corporation ISL78310ARAJZ Datasheet HTML 5Page - Intersil Corporation ISL78310ARAJZ Datasheet HTML 6Page - Intersil Corporation ISL78310ARAJZ Datasheet HTML 7Page - Intersil Corporation ISL78310ARAJZ Datasheet HTML 8Page - Intersil Corporation ISL78310ARAJZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
High Performance 1A LDO
ISL78310
The ISL78310 is a low dropout voltage, high-current, single
output LDO specified for 1A output current. This part operates
from input voltages down to 2.2V and up to 6V. The part offers
fixed and external resistor adjustable output voltages from 0.8V
to 5V. Custom voltage options are available upon request.
For applications that desire to set the in-rush current to less than
the current limit of the part, or for applications that require
turn-on time control, an external capacitor can be placed on the
soft-start pin for maximum control. A supply-independent
ENABLE signal allows the part to be placed into a low quiescent
current shutdown mode. Sub-micron CMOS process is used for
this product family to deliver best-in-class analog performance
and overall value.
This CMOS LDO consumes significant lower quiescent (ground
pin) current as a function of load over bipolar LDOs, which
translates into higher efficiency and packages with smaller
footprints. Quiescent current is optimized to achieve a very fast
load transient response.
The ISL78310 is both AEC-Q100 rated and fully TS16949
compliant. The ISL78310 is rated for the automotive
temperature range (-40°C to +125°C).
Applications
•Core & I/O Power
• Camera Modules
• Post Regulation of Switched Supplies
• Radio Systems
• Infotainment Systems
Features
• 2.2V to 6V Input Supply
• 130mV Dropout Voltage Typical (at 1A)
• Fast Load Transient Response
• ±0.2% Initial VOUT Accuracy
• Adjustable In-Rush Current Limiting
• 58dB Typical PSRR
• 63µVRMS Output Noise at VOUT = 1.8V
• Power-Good Feature
• 500mV Feedback Voltage
• Supply-Independent 1V Enable Input Threshold
• Short-Circuit Current Protection
• 1A Peak Reverse Current
•Over-Temperature Shutdown
• Any Cap Stable with Minimum 10µF Ceramic
• ±1.8% Guaranteed VOUT Accuracy for Junction Temperature
Range from -40°C to +125°C
• Available in a 10 Lead DFN Package
• Pb-Free (RoHS Compliant)
• AEC-Q100 Tested
• TS16949 Compliant
Pin Configuration
ISL78310
(10 LD 3x3 DFN)
TOP VIEW
2
3
4
1
5
9
8
7
10
6
VOUT
VOUT
SENSE/ADJ
PG
GND
VIN
VIN
NC
ENABLE
SS
PAD
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
February 17, 2011
FN7810.0


Similar Part No. - ISL78310ARAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL78310ARAJZ RENESAS-ISL78310ARAJZ Datasheet
812Kb / 14P
   High Performance 1A LDO
More results

Similar Description - ISL78310ARAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com