Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K40P100M100SF2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # K40P100M100SF2
Description  Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K40P100M100SF2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button K40P100M100SF2 Datasheet HTML 7Page - Freescale Semiconductor, Inc K40P100M100SF2 Datasheet HTML 8Page - Freescale Semiconductor, Inc K40P100M100SF2 Datasheet HTML 9Page - Freescale Semiconductor, Inc K40P100M100SF2 Datasheet HTML 10Page - Freescale Semiconductor, Inc K40P100M100SF2 Datasheet HTML 11Page - Freescale Semiconductor, Inc K40P100M100SF2 Datasheet HTML 12Page - Freescale Semiconductor, Inc K40P100M100SF2 Datasheet HTML 13Page - Freescale Semiconductor, Inc K40P100M100SF2 Datasheet HTML 14Page - Freescale Semiconductor, Inc K40P100M100SF2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
Table 1. Voltage and current operating requirements (continued)
Symbol
Description
Min.
Max.
Unit
Notes
IIC
DC injection current — single pin
• VIN < VSS
0
–0.2
mA
1
DC injection current — total MCU limit, includes sum
of all stressed pins
• VIN < VSS
0
–5
mA
1
VRAM
VDD voltage required to retain RAM
1.2
V
VRFVBAT
VBAT voltage required to retain the VBAT register file
TBD
V
1. All functional non-supply pins are internally clamped to VSS, and induce an injection current when VIN is less than VSS. The
IIC maximum operating requirement should not be exceeded. If this requirement cannot be met, the input must be current
limited to the value specified.
5.1.2 LVD and POR operating requirements
Table 2. VDD supply LVD and POR operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR
Falling VDD POR detect voltage
TBD
1.1
TBD
V
VLVDH
Falling low-voltage detect threshold — high
range (LVDV=01)
TBD
2.56
TBD
V
VLVW1H
VLVW2H
VLVW3H
VLVW4H
Low-voltage warning thresholds — high range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
TBD
TBD
TBD
TBD
2.70
2.80
2.90
3.00
TBD
TBD
TBD
TBD
V
V
V
V
1
VHYSH
Low-voltage inhibit reset/recover hysteresis —
high range
60
mV
VLVDL
Falling low-voltage detect threshold — low range
(LVDV=00)
TBD
1.60
TBD
V
VLVW1L
VLVW2L
VLVW3L
VLVW4L
Low-voltage warning thresholds — low range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
TBD
TBD
TBD
TBD
1.80
1.90
2.00
2.10
TBD
TBD
TBD
TBD
V
V
V
V
1
VHYSL
Low-voltage inhibit reset/recover hysteresis —
low range
40
mV
VBG
Bandgap voltage reference
TBD
1.00
TBD
V
tLPO
Internal low power oscillator period
factory trimmed
TBD
1000
TBD
μs
General
K40 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
Freescale Semiconductor, Inc.
Preliminary
11


Similar Part No. - K40P100M100SF2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K40P100M100SF2V2 FREESCALE-K40P100M100SF2V2 Datasheet
1Mb / 70P
   K40 Sub-Family
More results

Similar Description - K40P100M100SF2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K51P121M100SF2 FREESCALE-K51P121M100SF2 Datasheet
1Mb / 70P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P100M100SF2 FREESCALE-K20P100M100SF2 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K30P121M100SF2 FREESCALE-K30P121M100SF2 Datasheet
1Mb / 61P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P121M100SF2 FREESCALE-K50P121M100SF2 Datasheet
1Mb / 69P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P144M100SF2 FREESCALE-K50P144M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P144M100SF2 FREESCALE-K40P144M100SF2_11 Datasheet
1Mb / 75P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K10P121M100SF2 FREESCALE-K10P121M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P144M100SF2 FREESCALE-K20P144M100SF2_11 Datasheet
1Mb / 74P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P100M100SF2 FREESCALE-K50P100M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P81M100SF2 FREESCALE-K20P81M100SF2_11 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com