Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR6ZA730 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SR6ZA730
Description  Safety Relay on DIN-rail SR6 Z
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6ZA730 Datasheet(HTML) 1 Page - Tyco Electronics

  SR6ZA730 Datasheet HTML 1Page - Tyco Electronics SR6ZA730 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Safety Relay on DIN-rail SR6 Z
I 6 pole 8 A
I SR6 on printed circuit board
I AC/DC input
I Spring connectors
I Module width 46 mm
Applications
Elevator control, machine control
F0238-B
Terminal assignment
DC module, 4 NO+2 NC version
S0422-BA
DC module, 3 NO+3 NC version
S0422-BB
DC module, 5 NO+1 NC version
S0422-BC
AC/DC module, 4 NO+2 NC version
S0422-BD
AC/DC module, 3 NO+3 NC version
S0422-BE
AC/DC module, 5 NO+1 NC version
S0422-BF
Approvals
E
Technical data of approved types on request
Contact data
Contact set
single contact, forcibly guided
type A according to EN50205
Rated current / limiting continuous current
8 A
Rated voltage / max. switching voltage AC
240 VAC / 240 VAC
Maximum breaking capacity AC
2000 VA
Contact material
AgSnO2
Minimum contact load
10 mA / 5 V
Contact resistance
w100 mOhm / 1 A / 24 VDC
w20 Ohm / 10 mA / 5 VDC
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
6 min-1 / 150 min-1
Coil data
DC energizing voltage Urtd
6, 12, 18, 21, 24, 36, 40, 48, 60, 115 VDC
AC/DC energizing voltage Urtd
12, 21, 24, 40, 48, 60,115 VAC/VDC
AC energizing voltage Urtd
230 VAC
Input circuit
bridge rectifier, series resistor
Minimum operate voltage, % of rated coil voltage
90%
Minimum release voltage (+23°C), % of rated coil voltage
10%
Limiting voltage, % of rated coil voltage
110%
Insulation
Surge voltage resistance coil-contacts
3000 Vrms
open contact circuit
1000 Vrms
adjacent contacts
2000 Vrms
Clearance / creepage coil-contact
W 5.5 / 5.5 mm
adjacent contacts
W 3 / 3 mm
Insulation to IEC 60664
Voltage rating
250 V
Pollution degree
2
Overvoltage category
III


Similar Part No. - SR6ZA730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6ZA730 MACOM-SR6ZA730 Datasheet
163Kb / 2P
   Safety Relay on DIN-rail SR6Z
logo
TE Connectivity Ltd
SR6ZA730 TEC-SR6ZA730 Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
More results

Similar Description - SR6ZA730

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SR6 TEC-SR6 Datasheet
506Kb / 2P
   Force Guided Relay on DIN-rail SR6 Z
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
   Safety Relay SR6
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
   Safety Relay SR6
SR6Z MACOM-SR6Z Datasheet
163Kb / 2P
   Safety Relay on DIN-rail SR6Z
logo
TE Connectivity Ltd
SR2ZY024 TEC-SR2ZY024 Datasheet
359Kb / 2P
   Force Guided Relay on DIN-rail SR2 Z
logo
Tyco Electronics
SR6DM MACOM-SR6DM_09 Datasheet
233Kb / 3P
   Safety Relay SR6 D/M
logo
Eaton All Rights Reserv...
MTL7787 EATON-MTL7787 Datasheet
1Mb / 16P
   DIN-rail mounting safety barriers
logo
Willow Technologies Ltd
SERIESDX WILLOW-SERIESDX Datasheet
192Kb / 2P
   DIN Rail Relay AC/DC Control
logo
TE Connectivity Ltd
SNR TEC-SNR_14 Datasheet
368Kb / 2P
   Relay package consisting of DIN-rail socket and relay
logo
Tyco Electronics
ST3P2LC4 MACOM-ST3P2LC4 Datasheet
138Kb / 2P
   Relay package consisting of DIN-rail socket and relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com