Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23101-D0005-A201 Datasheet(PDF) 4 Page - Tyco Electronics

Part # V23101-D0005-A201
Description  1 pole PCB relay, non-polarized
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23101-D0005-A201 Datasheet(HTML) 4 Page - Tyco Electronics

  V23101-D0005-A201 Datasheet HTML 1Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 2Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 3Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 4Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 5Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 6Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 7Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 8Page - Tyco Electronics V23101-D0005-A201 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
108-98010 Rev. D
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
Dimensions
Dimensions in mm
THT
V23101-Dxxx-Xxxx
mm
inch
L
W
15.5 ± 0.1
10.5 ± 0.1
0.610 ± 0.004
0.413 ± 0.004
H
T
11.5 - 0.2
3.5 - 0.2
0.453 - 0.008
0.138 - 0.008
THT Version
Mounting hole layout
View onto the component side of the PCB (top view)
Version: 6 pins
Version: 5 pins (without pin no. 6)


Similar Part No. - V23101-D0005-A201

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23101 TEC-V23101 Datasheet
1Mb / 4P
   Small size permitting high packing density
More results

Similar Description - V23101-D0005-A201

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
ZETTLER Electronics
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ8304P AZETTLER-AZ8304P Datasheet
69Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com