Electronic Components Datasheet Search |
|
33793 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
33793 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 27 page Analog Integrated Circuit Device Data 4 Freescale Semiconductor 33793 PIN CONNECTIONS PIN CONNECTIONS Figure 3. 33793 Pin Connections Table 2. 33793 Pin Definitions A functional description of each pin can be found in the Functional Pin Description section beginning on page 10. Pin Number Pin Name Pin Function Formal Name Definition 1 BUSRTN Power Bus Return This pin provides the common return for power and signalling. 2 I/O0 Input/Output Logic I/O This pin can be used to provide a logic level output, a logic input, or an analog-to-digital (A/D) input. 3, 5 AGND Ground Analog Ground This pin is the low reference level and power return for the analog-to- digital converter (ADC). 4 I/O1 Input/Output Logic I/O This pin can be used to provide a logic level output, a logic input, or an A/D input. 6 I/O3 Input/Output Logic I/O This pin can be used to provide a logic level output, a logic input, or an A/D input. 7, 10, 13, 15 NC No Connect No Connect These pins have no internal connections. 8 I/O2 Input/Output Logic I/O This pin can be used to provide a logic level output, a logic input, or an A/D input. 9 LOGOUT Output Logic Out This is a logic output with higher pull-up drive capability than the standard logic I/O. 11 REGOUT Output Regulator Output This pin provides a regulated 5.0 V output. The power is derived from the bus. 12 H_CAP Output Holding Capacitor A capacitor attached to this pin is charged by the bus during bus idle and supplies current to run the device and for external devices via the REGOUT pin during non-idle periods. 14 BUSIN Input DSI Bus Input This pin attaches to the bus and responds to initialization commands. 16 BUSOUT Output DSI Bus Output This pin attaches to the bus and responds to reverse initialization commands. LOGOUT BUSOUT NC BUSIN NC H_CAP NC REGOUT I/O2 BUSRTN I/O0 AGND I/O1 AGND NC I/O3 8 2 3 4 5 7 6 9 16 15 14 13 12 10 11 1 |
Similar Part No. - 33793_10 |
|
Similar Description - 33793_10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |