Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33793 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33793_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33793_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33793_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33793_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33793_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33793_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33793_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33793_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33793_10 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33793
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions -0.3 V VBUSIN or VBUSOUT 30 V, 5.5 V VH_CAP 30 V, -40°C TA 85°C unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Initialization to Bus Switch Closing
tBS
100
150
200
μs
Loss of Signal Reset Time
Maximum Time Below Frame Threshold
tTO
100
ms
ADC Code Conversion Time (Go, No-Go Test)
tADC
27
μs
BUSIN and BUSOUT Response Current Transition Time
1.0 to 9.0 mA Transition, 9.0 to 1.0 mA
tITR
7.0
10
mA/
μs
BUSIN or BUSIN Timing to Response Current
BUSIN or BUSOUT Negative Voltage Transition = 3.0 V to IRSPH = 7.0 mA
BUSIN or BUSOUT Negative Voltage Transition = 3.0 V to IRSPL = 5.0 mA
tRSPH
tRSPL
3.3
3.3
μs


Similar Part No. - 33793_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33793A FREESCALE-33793A Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
More results

Similar Description - 33793_10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
   Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
   Distributed Power System
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
   Distributed Power System
logo
Emerson Network Power
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
   Distributed Power System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com