Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5601DXLH Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5601DXLH
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601DXLH Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5601DXLH Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5601DXLH Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5601DXLH Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5601DXLH Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5601DXLH Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5601DXLH Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5601DXLH Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5601DXLH Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5601DXLH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
Introduction
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
Introduction
1.1
Document overview
This document describes the device features and highlights the important electrical and physical characteristics.
1.2
Description
These 32-bit automotive microcontrollers are a family of system-on-chip (SoC) devices designed to be central to the
development of the next wave of central vehicle body controller, smart junction box, front module, peripheral body, door control
and seat control applications.
This family is one of a series of next-generation integrated automotive microcontrollers based on the Power Architecture
technology and designed specifically for embedded applications.
The advanced and cost-efficient e200z0 host processor core of this automotive controller family complies with the Power
Architecture technology and only implements the VLE (variable-length encoding) APU (auxiliary processing unit), providing
improved code density. It operates at speeds of up to 48 MHz and offers high performance processing optimized for low power
consumption. It capitalizes on the available development infrastructure of current Power Architecture devices and is supported
with software drivers, operating systems and configuration code to assist with the user’s implementations.
The device platform has a single level of memory hierarchy and can support a wide range of on-chip static random access
memory (SRAM) and internal flash memory.
Table 1. MPC5602D device comparison
Feature
Device
MPC5601DxLH
MPC5601DxLL
MPC5602DxLH
MPC5602DxLL
CPU
e200z0
Execution speed
Static – up to 48 MHz
Code Flash
128 KB
256 KB
Data Flash
64 KB (4 × 16 KB)
SRAM
12 KB
16 KB
eDMA
16 ch
ADC
16 ch, 12-bit
33 ch, 12-bit
16 ch, 12-bit
33 ch, 12-bit
CTU
16 ch
Total timer I/O1
eMIOS
13 ch, 16-bit
28 ch, 16-bit
13 ch, 16-bit
28 ch, 16-bit
• Type X2
2ch
5 ch
2ch
5 ch
• Type Y3
—9 ch
—9 ch
• Type G4
7ch
7 ch
7ch
7 ch
• Type H5
4ch
7 ch
4ch
7 ch
SCI (LINFlex)
3
SPI (DSPI)
2
CAN (FlexCAN)
1
GPIO6
45
79
45
79


Similar Part No. - MPC5601DXLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5601D FREESCALE-MPC5601D Datasheet
243Kb / 2P
   Qorivva MPC560xB/C/D Family
MPC5601D FREESCALE-MPC5601D Datasheet
243Kb / 2P
   Qorivva MPC560xBCD Family
More results

Similar Description - MPC5601DXLH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KE1XZP100M72SF1 NXP-KE1XZP100M72SF1 Datasheet
1Mb / 82P
   Kinetis KE17Z/13Z/12Z with up to 256 KB Flash
Rev. 2, 09/2021
KE1XZP100M72SF1 NXP-KE1XZP100M72SF1_V01 Datasheet
1Mb / 84P
   Kinetis KE17Z/13Z/12Z with up to 256 KB Flash
Rev. 2.1, 02/2022
logo
Freescale Semiconductor...
S9S12G128F0MLH FREESCALE-S9S12G128F0MLH Datasheet
8Mb / 1292P
   S12 CPU core, Up to 240 Kbyte on-chip flash with ECC
logo
Microchip Technology
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
   16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
logo
Renesas Technology Corp
RA4M2 RENESAS-RA4M2 Datasheet
1Mb / 92P
   Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8 KB Data flash memory, and 128 KB SRAM with Parity/ECC.
Jan 27, 2021
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
logo
Microchip Technology
DSPIC33FJXXXGPX06A MICROCHIP-DSPIC33FJXXXGPX06A_12 Datasheet
2Mb / 362P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ256GP710A-I MICROCHIP-DSPIC33FJ256GP710A-I Datasheet
2Mb / 362P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
logo
Microchip Technology
DSPIC33FJ128GP306AT-IPT MICROCHIP-DSPIC33FJ128GP306AT-IPT Datasheet
2Mb / 362P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com