Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75395 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75395
Description  Single-Chip Electronic Volume Control System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75395 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75395 Datasheet HTML 1Page - Sanyo Semicon Device LC75395 Datasheet HTML 2Page - Sanyo Semicon Device LC75395 Datasheet HTML 3Page - Sanyo Semicon Device LC75395 Datasheet HTML 4Page - Sanyo Semicon Device LC75395 Datasheet HTML 5Page - Sanyo Semicon Device LC75395 Datasheet HTML 6Page - Sanyo Semicon Device LC75395 Datasheet HTML 7Page - Sanyo Semicon Device LC75395 Datasheet HTML 8Page - Sanyo Semicon Device LC75395 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Electrical Characteristics at Ta = 25°C, VDD = 10 V, VSS = 0 V
Input Amplifier Characteristics at Ta = 25°C, VDD – VSS = 10 V
No. 5056-2/17
LC75395E
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
6.0
11.0
V
Input high level voltage
VIH
CL, DI, CE
4.0
VDD
V
Input low level voltage
VIL
CL, DI, CE
VSS
1.0
V
Input voltage amplitude
VIN
CL, DI, CE, L1 to L4, R1 to R4, LTIN, RTIN,
VSS
VDD
Vp-p
LVRIN, RVRIN
Input pulse width
tøW
CL
1.0
µs
Setup time
tSETUP
CL, DI, CE
1.0
µs
Hold time
tHOLD
CL, DI, CE
1.0
µs
Operating frequency
fopg
CL
500
kHz
Parameter
Symbol
Conditions
min
typ
max
Unit
[Input Block]
Input resistance
Rin
L1 to L4, R1 to R4
1
M
Clipping level
Vcl
LSELO, RSELO: THD = 1.0%
2.65
Vrms
Output load resistance
RL
LSELO, RSELO
3
k
[Volume Control Block]
Input resistance
Rin
LVRIN, RVRIN
21
35
49
k
[Equalizer Control Block]
Control range
Geq
Max, boost/cut
±8
±10
±12
dB
Step resolution
Estep
1
2
3
dB
Internal feedback resistance
Rfeed
17
28
39
k
[Overall Characteristics]
Total harmonic distortion
THD (1)
VIN = 1 Vrms, f = 1 kHz, with all controls flat overall
0.0033
%
THD (2)
VIN = 1 Vrms, f = 20 kHz, with all controls flat overall
0.012
%
Crosstalk
CT
VIN = 1 Vrms, f = 1 kHz, with all controls flat overall
86
dB
Rg = 1 k
Output at maximum attenuation
VO min
VIN = 1 Vrms, f = 1 kHz, with the main volume
–84
dB
control at –
VN (1)
With all controls flat overall (IHF-A), Rg = 1 k
3.9
µV
Output noise voltage
VN (2)
With all controls flat overall (DIN-AUDIO),
5.4
µV
Rg = 1 k
Current drain
IDD
VDD – VSS = 11 V
25
33
mA
Input high level current
IIH
CL, DI, CE: VIN = 11 V
10
µA
Input low level current
IIL
CL, DI, CE: VIN = 0 V
–10
µA
Parameter
Symbol
Conditions
min
typ
max
Unit
Input offset voltage
VIO
–10
+10
mV
Input offset current
IIO
VSS ≤ VIN ≤ VDD
±10
nA
Open-loop voltage gain
AO
80
dB
0 dB bandwidth
fT
2.5
MHz
Allowable load resistance
RL
3
k


Similar Part No. - LC75395

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75391M SANYO-LC75391M Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75392M SANYO-LC75392M Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75394 SANYO-LC75394 Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
More results

Similar Description - LC75395

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75347E SANYO-LC75347E Datasheet
602Kb / 17P
   Six-Channel Single-Chip Electronic Volume Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
   Electronic Volume Control System on-Chip
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
   Two-Channel Electronic Volume Control System
May, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com