Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5643LF0MMM1 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PPC5643LF0MMM1
Description  High-performance e200z4d dual core
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5643LF0MMM1 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PPC5643LF0MMM1 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5643LF0MMM1 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5643LF0MMM1 Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5643LF0MMM1 Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5643LF0MMM1 Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC5643LF0MMM1 Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC5643LF0MMM1 Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC5643LF0MMM1 Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC5643LF0MMM1 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 124 page
background image
Introduction
MPC5643L Microcontroller Data Sheet, Rev. 6
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
11
1.6.13
System clocks and clock generation
The following list summarizes the system clock and clock generation on this device:
Lock status continuously monitored by lock detect circuitry
Loss-of-clock (LOC) detection for reference and feedback clocks
On-chip loop filter (for improved electromagnetic interference performance and fewer external components required)
Programmable output clock divider of system clock (
1, 2, 4, 8)
FlexPWM module and as many as three eTimer modules running on an auxiliary clock independent from system clock
(with max frequency 120 MHz)
On-chip crystal oscillator with automatic level control
Dedicated internal 16 MHz internal RC oscillator for rapid start-up
— Supports automated frequency trimming by hardware during device startup and by user application
Auxiliary clock domain for motor control periphery (FlexPWM, eTimer, CTU, ADC, and SWG)
1.6.14
Frequency-Modulated Phase-Locked Loop (FMPLL)
Each device has two FMPLLs.
Each FMPLL allows the user to generate high speed system clocks starting from a minimum reference of 4 MHz input clock.
Further, the FMPLL supports programmable frequency modulation of the system clock. The FMPLL multiplication factor,
output clock divider ratio are all software configurable. The FMPLLs have the following major features:
Input frequency: 4–40 MHz continuous range (limited by the crystal oscillator)
Voltage controlled oscillator (VCO) range: 256–512 MHz
Frequency modulation via software control to reduce and control emission peaks
— Modulation depth ±2% if centered or 0% to –4% if downshifted via software control register
— Modulation frequency: triangular modulation with 25 kHz nominal rate
Option to switch modulation on and off via software interface
Reduced frequency divider (RFD) for reduced frequency operation without re-lock
3 modes of operation
— Bypass mode
— Normal FMPLL mode with crystal reference (default)
— Normal FMPLL mode with external reference
Lock monitor circuitry with lock status
Loss-of-lock detection for reference and feedback clocks
Self-clocked mode (SCM) operation
On-chip loop filter
Auxiliary FMPLL
— Used for FlexRay due to precise symbol rate requirement by the protocol
— Used for motor control periphery and connected IP (A/D digital interface CTU) to allow independent frequencies
of operation for PWM and timers and jitter-free control
— Option to enable/disable modulation to avoid protocol violation on jitter and/or potential unadjusted error in
electric motor control loop
— Allows to run motor control periphery at different (precisely lower, equal or higher as required) frequency than
the system to ensure higher resolution


Similar Part No. - PPC5643LF0MMM1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC5643LF0MMM1 FREESCALE-PPC5643LF0MMM1 Datasheet
1Mb / 98P
   MPC5643L Microcontroller Data Sheet
PPC5643LF0MMM1R FREESCALE-PPC5643LF0MMM1R Datasheet
1Mb / 98P
   MPC5643L Microcontroller Data Sheet
More results

Similar Description - PPC5643LF0MMM1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
2ASC-12A1HP MICROCHIP-2ASC-12A1HP Datasheet
1Mb / 19P
   1200V Dual-Channel Augmented High Performance SiC Core 1
2021
2ASC-17A1HP MICROCHIP-2ASC-17A1HP Datasheet
1Mb / 19P
   1700V Dual-Channel Augmented High Performance SiC Core 1
2021
logo
Freescale Semiconductor...
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 132P
   High performance e200z335 core processor
logo
List of Unclassifed Man...
ANTARES ETC2-ANTARES Datasheet
300Kb / 2P
   High performance ??Intel Core i7/Core i5 processor technology
logo
Rockchip Electronics Co...
RK3328 ROCKCHIP-RK3328 Datasheet
2Mb / 46P
   high-performance Quad-core application processor
Revision 1.2 Feb. 2018
logo
Freescale Semiconductor...
P2020PSE2MZB FREESCALE-P2020PSE2MZB Datasheet
3Mb / 8P
   P2 Platform Series Dual core performance in a single core power envelope
P2020RDB-PCA FREESCALE-P2020RDB-PCA Datasheet
3Mb / 8P
   P2 Platform Series Dual core performance in a single core power envelope
logo
NXP Semiconductors
MC68HC11KG4 NXP-MC68HC11KG4 Datasheet
8Mb / 246P
   Low Power,high performance M68HC11 CPU core
logo
Zilog, Inc.
Z32F0641MCU ZILOG-Z32F0641MCU Datasheet
5Mb / 205P
   High Performance low-power Cortex-M3 core
logo
List of Unclassifed Man...
AXP221 ETC2-AXP221 Datasheet
2Mb / 52P
   PMIC Optimized For Multi-Core High-Performance System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com