Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7573N Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC7573N
Description  1/2 Duty VFD Driver for Frequency Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7573N Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC7573N Datasheet HTML 1Page - Sanyo Semicon Device LC7573N Datasheet HTML 2Page - Sanyo Semicon Device LC7573N Datasheet HTML 3Page - Sanyo Semicon Device LC7573N Datasheet HTML 4Page - Sanyo Semicon Device LC7573N Datasheet HTML 5Page - Sanyo Semicon Device LC7573N Datasheet HTML 6Page - Sanyo Semicon Device LC7573N Datasheet HTML 7Page - Sanyo Semicon Device LC7573N Datasheet HTML 8Page - Sanyo Semicon Device LC7573N Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CCB address: Transfer 0010B, as shown in Figure 2.
M0:
Digital/analog dimmer selection data
M0 = 0 ....................................Digital dimmer
M0 = 1 ....................................Analog dimmer
DM0 to DM9: Dimmer data
This data controls the duty of the G1 and G2 digit output pins when the digital dimmer is selected.
This data consists of 10 bits, of which DM0 is the LSB. Note that display intensity can be adjusted by
controlling the duty of the G1 and G2 digit output pins. (The DM0 to DM9 dimmer data is ignored
when the analog dimmer is selected.)
SD1 to SD38: Display data
SD1 to SD19...........................Display data for the G1 digit output pin
SD20 to SD38.........................Display data for the G2 digit output pin
SDn (n = 1 to 38) = 1..............Display on
SDn (n = 1 to 38) = 0..............Display off
T0:
Test data
The T0 bit must be set to 0.
Serial Data Format
Correspondence between Display Data (SD1 to SD38) and Segment Output Pins
No. 3587-5/10
LC7573N, 7573NM
Segment output pin
G1
G2
S1
SD1
SD20
S2
SD2
SD21
S3
SD3
SD22
S4
SD4
SD23
S5
SD5
SD24
S6
SD6
SD25
S7
SD7
SD26
S8
SD8
SD27
S9
SD9
SD28
S10
SD10
SD29
S11
SD11
SD30
S12
SD12
SD31
S13
SD13
SD32
S14
SD14
SD33
S15
SD15
SD34
S16
SD16
SD35
S17
SD17
SD36
S18
SD18
SD37
S19
SD19
SD38


Similar Part No. - LC7573N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7573N SANYO-LC7573N Datasheet
284Kb / 11P
   Electronic Volume Control System for Audio Equipment
More results

Similar Description - LC7573N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
   Clock For 1/2 Duty VFD
logo
Sanyo Semicon Device
LC75741E SANYO-LC75741E Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75742E SANYO-LC75742E Datasheet
308Kb / 18P
   1/2 Duty VFD Driver with Key Input Function
logo
Holtek Semiconductor In...
HT16566 HOLTEK-HT16566 Datasheet
130Kb / 8P
   1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_10 Datasheet
96Kb / 8P
   1/2 Duty VFD Digital Clock
logo
LAPIS Semiconductor Co....
ML9213 LAPIS-ML9213 Datasheet
194Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver
logo
Holtek Semiconductor In...
HT16562 HOLTEK-HT16562 Datasheet
130Kb / 8P
   1/2 Duty VFD Digital Clock
HT16562 HOLTEK-HT16562_12 Datasheet
141Kb / 8P
   1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_12 Datasheet
141Kb / 8P
   1/2 Duty VFD Digital Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com