Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7574 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC7574
Description  1/2 Duty VFD Driver with Key Input Function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7574 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC7574 Datasheet HTML 6Page - Sanyo Semicon Device LC7574 Datasheet HTML 7Page - Sanyo Semicon Device LC7574 Datasheet HTML 8Page - Sanyo Semicon Device LC7574 Datasheet HTML 9Page - Sanyo Semicon Device LC7574 Datasheet HTML 10Page - Sanyo Semicon Device LC7574 Datasheet HTML 11Page - Sanyo Semicon Device LC7574 Datasheet HTML 12Page - Sanyo Semicon Device LC7574 Datasheet HTML 13Page - Sanyo Semicon Device LC7574 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
• In normal mode
— The pins KS1 to KS6 are set high.
— A key scan is started when any of the keys is pressed, and the keys are kept scanning until all keys are released.
The controller can recognize simultaneous multiple key presses by checking the key data for multiple bits being set.
— If a key is pressed for over 25600T [s] (where T = 1/fOSC), the IC outputs a key data read request to the controller
by setting DO low. The controller acknowledges this state and reads the key data. However, note that DO will go
high when CE is set high during the serial data transfer.
— After the controller key data readout completes, the key data read request will be cleared (DO will be set high), and
the IC performs another key scan. Note that since DO is an open-drain output, a pull-up resistor (between 1 and
10 k
Ω) is required.
• In sleep mode
— The pins KS1 to KS6 are set to high or low according to the values of S0 and S1 in the control data. (See the
description of the control data elsewhere in this document.)
— If a key connected to one of the KS1 to KS6 lines that was set high is pressed, the clock generator (oscillator circuit)
is started and a key scan is performed, and the keys are kept scanning until all keys are released.
The controller can recognize simultaneous multiple key presses by checking the key data for multiple bits being set.
— If a key is pressed for over 25600T [s] (where T = 1/fOSC), the IC outputs a key data read request to the controller
by setting DO low. The controller acknowledges this state and reads the key data. However, note that DO will go
high when CE is set high during the serial data transfer.
— After the controller key data readout completes, the key data read request will be cleared (DO will be set high), and
the IC performs another key scan. However, sleep mode will not be cleared. Note that since DO is an open-drain
output, a pull-up resistor (between 1 and 10 k
Ω) is required.
— Example of a key scan operation in sleep mode
Example: Sleep mode with S0 = 0, S1 = 1 (Only KS6 is set high)
Note *: These diodes are required to reliably recognize multiple key presses on the KS6 line when the IC is set to sleep mode with only KS6 set to high as in
the example above. That is, they prevent incorrect recognition of key presses due to sneak currents arising from simultaneous presses of keys on
the KS1 through KS5 lines.
No. 6142-10/18
LC75742E, LC75742W
If one of these keys is pressed, clock
generator (oscillator circuit) is started and
a key scan is performed.
Serial data transfer
Key input 1
Key input 2
Key scan
Serial data transfer
Serial data transfer
Key data read
Key data read request
Key data read
Key data read request
Key data read
Key data read request
Key address (8FH)
Key address
Key address


Similar Part No. - LC7574

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7574 SANYO-LC7574 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741 SANYO-LC75741 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741E SANYO-LC75741E Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741W SANYO-LC75741W Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
More results

Similar Description - LC7574

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75852E SANYO-LC75852E Datasheet
340Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com