Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMKZ5256B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMKZ5256B
Description  SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMKZ5256B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMKZ5256B Datasheet HTML 1Page - Central Semiconductor Corp CMKZ5256B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMKZ5221B THRU CMKZ5261B
SURFACE MOUNT
TRIPLE ISOLATED
SILICON ZENER DIODES
5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMKZ5221B
Series contains three (3) isolated Silicon Zener
Diodes packaged in an ULTRAmini™ SOT-363
surface mount case, designed for use in industrial,
commercial, entertainment and computer applications.
Higher voltage devices are available on special order.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
SOT-363 CASE
MAXIMUM RATINGS: (TA=25°C )
SYMBOL
UNITS
Power Dissipation
PD
200
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Reistance
ΘJA
625
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C) VF=0.9V MAX @ IF=10mA (for all types)
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAX.
TEMP.
COEFF.
MARK.
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
ΘVZ
V
V
V
mA
Ω
Ω
mA
μA
V
% /°C
CMKZ5221B
2.280
2.4
2.520
20
30
1200
0.25
100
1.0
-0.085
8A1T
CMKZ5222B
2.375
2.5
2.625
20
30
1250
0.25
100
1.0
-0.085
8B1T
CMKZ5223B
2.565
2.7
2.835
20
30
1300
0.25
75
1.0
-0.080
8C1T
CMKZ5224B
2.660
2.8
2.940
20
30
1400
0.25
75
1.0
-0.080
8D1T
CMKZ5225B
2.850
3.0
3.150
20
29
1600
0.25
50
1.0
-0.075
8E1T
CMKZ5226B
3.135
3.3
3.465
20
28
1600
0.25
25
1.0
-0.070
8ACT
CMKZ5227B
3.420
3.6
3.780
20
24
1700
0.25
15
1.0
-0.065
8BCT
CMKZ5228B
3.705
3.9
4.095
20
23
1900
0.25
10
1.0
-0.060
8CCT
CMKZ5229B
4.085
4.3
4.515
20
22
2000
0.25
5.0
1.0
±0.055
8DCT
CMKZ5230B
4.465
4.7
4.935
20
19
1900
0.25
5.0
2.0
±0.030
8ECT
CMKZ5231B
4.845
5.1
5.335
20
17
1600
0.25
5.0
2.0
±0.030
8FCT
CMKZ5232B
5.320
5.6
5.880
20
11
1600
0.25
5.0
3.0
+0.038
8GCT
CMKZ5233B
5.700
6.0
6.300
20
7.0
1600
0.25
5.0
3.5
+0.038
8HCT
CMKZ5234B
5.890
6.2
6.510
20
7.0
1000
0.25
3.0
4.0
+0.045
8JCT
CMKZ5235B
6.460
6.8
7.140
20
5.0
750
0.25
3.0
5.0
+0.050
8KCT
CMKZ5236B
7.125
7.5
7.875
20
6.0
500
0.25
3.0
6.0
+0.058
8LCT
CMKZ5237B
7.790
8.2
8.610
20
8.0
500
0.25
3.0
6.5
+0.062
8MCT
CMKZ5238B
8.265
8.7
9.135
20
8.0
600
0.25
3.0
6.5
+0.065
8NCT
CMKZ5239B
8.645
9.1
9.555
20
10
600
0.25
3.0
7.0
+0.068
8PCT
R2 (13-January 2010)
www.centr a lsemi.com


Similar Part No. - CMKZ5256B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKZ5256B CENTRAL-CMKZ5256B Datasheet
136Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON ZENER DIODE 5% TOLERANCE
CMKZ5256B CENTRAL-CMKZ5256B Datasheet
556Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES
More results

Similar Description - CMKZ5256B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKZ5221B CENTRAL-CMKZ5221B Datasheet
136Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON ZENER DIODE 5% TOLERANCE
CMKZ5221B CENTRAL-CMKZ5221B_15 Datasheet
556Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO Datasheet
103Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED, OPPOSING SILICON ZENER DIODES 2.4 VOLTS THRU 47 VOLTS 5% TOLERANCE
CMXZ2V4TO CENTRAL-CMXZ2V4TO_10 Datasheet
498Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_15 Datasheet
498Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
logo
Pan Jit International I...
BZX84C2V4TW-AU PANJIT-BZX84C2V4TW-AU Datasheet
302Kb / 5P
   TRIPLE ISOLATED SURFACE MOUNT ZENER DIODES
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614_10 Datasheet
305Kb / 2P
   SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
CMXSH-3 CENTRAL-CMXSH-3_10 Datasheet
557Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMKSH-3T CENTRAL-CMKSH-3T_10 Datasheet
498Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMXSH-3 CENTRAL-CMXSH-3_15 Datasheet
568Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com