Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLT2207G Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLT2207G
Description  SURFACE MOUNT DUAL, COMPLEMENTARY SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT2207G Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLT2207G Datasheet HTML 1Page - Central Semiconductor Corp CMLT2207G Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMLT2207G
SURFACE MOUNT
DUAL, COMPLEMENTARY
SILICON TRANSISTORS
ELECTRICAL CHARACTERISTICS - Continued:
NPN (Q1)
PNP (Q2)
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
fT
VCE=20V, IC=20mA, f=100MHz
300
-
-
-
MHz
fT
VCE=20V, IC=50mA, f=100MHz
-
-
200
-
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
-
8.0
-
8.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
-
25
-
-
pF
Cib
VEB=2.0V, IC=0, f=1.0MHz
-
-
-
30
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
2.0
8.0
-
-
hie
VCE=10V, IC=10mA, f=1.0kHz
0.25
1.25
-
-
hre
VCE=10V, IC=1.0mA, f=1.0kHz
-
8.0
-
-
x10-4
hre
VCE=10V, IC=10mA, f=1.0kHz
-
4.0
-
-
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
300
-
-
hfe
VCE=10V, IC=10mA, f=1.0kHz
75
375
-
-
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
5.0
35
-
-
μS
hoe
VCE=10V, IC=10mA, f=1.0kHz
25
200
-
-
μS
rb’Cc
VCB=10V, IE=20mA, f=31.8MHz
-
150
-
-
ps
NF
VCE=10V, IC=100μA, RS=1.0kΩ, f=1.0kHz
-
4.0
-
-
dB
ton
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
-
-
-
45
ns
td
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
-
10
-
10
ns
tr
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
-
25
-
40
ns
toff
VCC=6.0V, IC=150mA, IB1=IB2=15mA
-
-
-
100
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
-
225
-
-
ns
ts
VCC=6.0V, IC=150mA, IB1=IB2=15mA
-
-
-
80
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
-
60
-
-
ns
tf
VCC=6.0V, IC=150mA, IB1=IB2=15mA
-
-
-
30
ns
MARKING CODE: L7G
LEAD CODE:
1) Emitter Q1
2) Base Q1
3) Collector Q2
4) Emitter Q2
5) Base Q2
6) Collector Q1
SOT-563 CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R3 (20-January 2010)


Similar Part No. - CMLT2207G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT2207 CENTRAL-CMLT2207 Datasheet
98Kb / 2P
   SURFACE MOUNT PICOmini DUAL,COMPLEMENTARY SILICON TRANSISTORS
CMLT2207 CENTRAL-CMLT2207_15 Datasheet
512Kb / 3P
   COMPLEMENTARY TRANSISTOR
More results

Similar Description - CMLT2207G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXT2207 CENTRAL-CMXT2207_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL COMPLEMENTARY SILICON TRANSISTORS
CMXT2207 CENTRAL-CMXT2207_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL COMPLEMENTARY SILICON TRANSISTORS
CMXT3946 CENTRAL-CMXT3946_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL COMPLEMENTARY SILICON TRANSISTORS
CMXT3946 CENTRAL-CMXT3946_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL COMPLEMENTARY SILICON TRANSISTORS
CMLT2207 CENTRAL-CMLT2207 Datasheet
98Kb / 2P
   SURFACE MOUNT PICOmini DUAL,COMPLEMENTARY SILICON TRANSISTORS
CMPTA06 CENTRAL-CMPTA06 Datasheet
121Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CTLT3410-M621 CENTRAL-CTLT3410-M621_15 Datasheet
659Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CZT3904 CENTRAL-CZT3904_15 Datasheet
535Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CXT3904 CENTRAL-CXT3904_10 Datasheet
292Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904 CENTRAL-CMPT3904_10 Datasheet
332Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com