Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75833E Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC75833E
Description  1/3 Duty General-Purpose LCD Display Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75833E Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC75833E Datasheet HTML 1Page - Sanyo Semicon Device LC75833E Datasheet HTML 2Page - Sanyo Semicon Device LC75833E Datasheet HTML 3Page - Sanyo Semicon Device LC75833E Datasheet HTML 4Page - Sanyo Semicon Device LC75833E Datasheet HTML 5Page - Sanyo Semicon Device LC75833E Datasheet HTML 6Page - Sanyo Semicon Device LC75833E Datasheet HTML 7Page - Sanyo Semicon Device LC75833E Datasheet HTML 8Page - Sanyo Semicon Device LC75833E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CMOS LSI
Ordering number : EN 5580A
33098HA(OT)/22897HA(OT) No. 5580-1/19
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1/3 Duty General-Purpose
LCD Display Drivers
LC75833E, 75833W, 75833JE
Overview
The LC75833E, LC75833W, and LC75833JE are 1/3-duty
general-purpose LCD display drivers that can be used for
frequency display in electronic tuners under the control of
a microcontroller. The LC75833E and LC75833W can
drive an LCD with up to 105 segments directly, the
LC75833JE can drive an LCD with up to 93 segments
directly. The LC75833E and LC75833W and LC75833JE
can also control up to 8 general-purpose output ports.
Since the LC75833E, LC75833W, and LC75833JE use
separate power supply systems for the LCD drive block
and the logic block, the LCD driver block power-supply
voltage can be set to any voltage in the range 2.7 to 6.0
volts, regardless of the logic block power-supply voltage.
Features
• Supports both 1/3 duty 1/2 bias and 1/3 duty 1/3 bias
LCD drive under serial data control.
LC75833E, LC75833W:
up to 105 segments
LC75833JE:
up to 93 segments
(without the S12, S23, S24, S35 segment output pins
from the LC75833E, LC75833W)
• Serial data input supports CCB format communication
with the system controller.
• Serial data control of the power-saving mode based
backup function and all the segments forced off function
• Serial data control of switching between the segment
output port and the general-purpose output port
functions
• High generality, since display data is displayed directly
without decoder intervention.
• Independent VLCD for the LCD driver block (VLCD can
be set to any voltage in the range 2.7 to 6.0 volts,
regardless of the logic block power-supply voltage.)
• The INH pin can force the display to the off state.
• RC oscillator circuit
Package Dimensions
unit: mm
3156-QFP48E
unit: mm
3163A-SQFP48
unit: mm
3148-QFP44MA
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
[LC75833W]
[LC75833E]
SANYO: QFP48E
[LC75833JE]
SANYO: SQFP48
SANYO: QIP44MA


Similar Part No. - LC75833E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75833E SANYO-LC75833E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
logo
ON Semiconductor
LC75833E ONSEMI-LC75833E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
logo
Sanyo Semicon Device
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
logo
ON Semiconductor
LC75833E-E ONSEMI-LC75833E-E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
LC75833EHS-E ONSEMI-LC75833EHS-E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
More results

Similar Description - LC75833E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75834E SANYO-LC75834E Datasheet
344Kb / 18P
   1/4 Duty General-Purpose LCD Drivers
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com