Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75833JE Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC75833JE
Description  1/3 Duty General-Purpose LCD Display Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75833JE Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC75833JE Datasheet HTML 6Page - Sanyo Semicon Device LC75833JE Datasheet HTML 7Page - Sanyo Semicon Device LC75833JE Datasheet HTML 8Page - Sanyo Semicon Device LC75833JE Datasheet HTML 9Page - Sanyo Semicon Device LC75833JE Datasheet HTML 10Page - Sanyo Semicon Device LC75833JE Datasheet HTML 11Page - Sanyo Semicon Device LC75833JE Datasheet HTML 12Page - Sanyo Semicon Device LC75833JE Datasheet HTML 13Page - Sanyo Semicon Device LC75833JE Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Also note that when the general-purpose output port function is selected, the output pins and the display data will
have the correspondences listed in the tables below.
For example, if the output pin S4/P4 has the general-purpose output port function selected, it will output a high level
(VLCD) when the display data D10 is 1, and will output a low level (VSS) when D10 is 0.
2. DR: 1/2-bias drive or 1/3-bias drive switching control data
This control data bit selects either 1/2-bias drive or 1/3-bias drive.
3. SC: Segments on/off control data
This control data bit controls the on/off state of the segments.
However, note that when the segments are turned off by setting SC to 1, the segments are turned off by outputting
segment off waveforms from the segment output pins.
4. BU: Normal mode/power-saving mode control data
This control data bit selects either normal mode or power-saving mode.
No. 5580-10/19
LC75833E, 75833W, 75833JE
DR
Drive type
0
1/3-bias drive
1
1/2-bias drive
SC
Display state
0
On
1
Off
BU
Mode
0
Normal mode
Power saving mode (The OSC pin oscillator is stopped, and the common and segment output pins go to the VSS level. However, the
1
S1/P1 to S8/P8 output pins that are set to be general-purpose output ports by the control data P0 to P3 can be used as general-
purpose output ports.)
Output pin
Corresponding display data
S1/P1
D1
S2/P2
D4
S3/P3
D7
S4/P4
D10
Output pin
Corresponding display data
S5/P5
D13
S6/P6
D16
S7/P7
D19
S8/P8
D22


Similar Part No. - LC75833JE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75833JE-E ONSEMI-LC75833JE-E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
More results

Similar Description - LC75833JE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75834E SANYO-LC75834E Datasheet
344Kb / 18P
   1/4 Duty General-Purpose LCD Drivers
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com