Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T92P7D22-24 Datasheet(PDF) 3 Page - Tyco Electronics

Part # T92P7D22-24
Description  2 pole 30 A, 2 CO or 2 NO contacts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T92P7D22-24 Datasheet(HTML) 3 Page - Tyco Electronics

  T92P7D22-24 Datasheet HTML 1Page - Tyco Electronics T92P7D22-24 Datasheet HTML 2Page - Tyco Electronics T92P7D22-24 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
SCHRACK
Power Relay T92 (Continued)
Product key
Typical product key
T92
P
7
A
2
2
-24
Type
T92
Power relay T92
Enclosure
P
dust protected
S
wash tight (PCB version only)
Contact configuration
7
2 NO contacts (2 form A)
11 2 CO contacts (2 form C)
Coil version
A
AC-coil 50/60 Hz
D
DC-coil
Mounting
1
PCB-version
2
Flange mount, 6.35 mm quick connect terminals for contacts and coil
5
M4 scew terminals (requires enclosure P and contact configuration 7, UL/CSA approved only)
Contact material
2
AgCdO
Coil
Coil code: please refer to coil versions table
Other types on request
Dimensions
Flange mount
S0293-A
Product key
Version
Mounting
Cont.configuration
Coil
Coil
Part number
T92P11A22-24
dust-proof
flange mount
2 CO contacts
AC-coil
24 VAC
4-1393211-3
T92P11A22-240
240 VAC
4-1393211-4
T92P7A22-120
2 NO contacts
120 VAC
5-1393211-7
T92P7A22-240
240 VAC
6-1393211-2
T92P7D12-12
pcb-version
DC-coil
12 VDC
6-1393211-5
T92P7D22-12
flange mount
6-1393211-9
T92P7D22-24
24 VDC
7-1393211-1
T92S11A12-240
wash tight
pcb-version
2 CO contacts
AC-coil
240 VAC
8-1393211-2
T92S11A22-240
flange mount
8-1393211-7
T92S11D12-24
pcb-version
DC-coil
24 VDC
9-1393211-0
T92S7A12-240
2 NO contacts
AC-coil
240 VAC
9-1393211-9
T92S7A22-240
flange mount
1393212-5
T92S7D12-24
pcb-version
DC-coil
24 VDC
1-1393212-0
T92S7D22-24
flange mount
1-1393212-7
S0495-A
M4 screw terminals
Only necessary terminals are present on 2 NO models.


Similar Part No. - T92P7D22-24

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T92P7D22-24 TEC-T92P7D22-24 Datasheet
789Kb / 5P
   T92 Series Two-pole Power Relay
More results

Similar Description - T92P7D22-24

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
   2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
List of Unclassifed Man...
RM737012 ETC2-RM737012 Datasheet
487Kb / 4P
   2/3 pole 10/16A, 2 form C (CO) or 3 form C (CO) contacts
PT570615 ETC2-PT570615 Datasheet
721Kb / 4P
   2 pole 12A, 3 pole 10A or 4 pole 6A, 2, 3 or 4 form C (CO) contacts
logo
Tyco Electronics
T9A MACOM-T9A Datasheet
242Kb / 3P
   1 pole 30 A, 1 NO or 1 CO contact
logo
List of Unclassifed Man...
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
   40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
   2 Pole Miniature 2 Pole Miniature
logo
Schurter Inc.
KM00120511 SCHURTER-KM00120511_V01 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
DD14 SCHURTER-DD14_V01 Datasheet
865Kb / 8P
   IEC Appliance Inlet C14 with Filter 2-Stages, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
DD14 SCHURTER-DD14 Datasheet
857Kb / 8P
   IEC Appliance Inlet C14 with Filter 2-Stages, Fuseholder 1- or 2-pole, Line Switch 2-pole
6765 SCHURTER-6765 Datasheet
453Kb / 4P
   IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com