Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75844M Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC75844M
Description  1/4 Duty General-Purpose LCD Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75844M Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75844M Datasheet HTML 6Page - Sanyo Semicon Device LC75844M Datasheet HTML 7Page - Sanyo Semicon Device LC75844M Datasheet HTML 8Page - Sanyo Semicon Device LC75844M Datasheet HTML 9Page - Sanyo Semicon Device LC75844M Datasheet HTML 10Page - Sanyo Semicon Device LC75844M Datasheet HTML 11Page - Sanyo Semicon Device LC75844M Datasheet HTML 12Page - Sanyo Semicon Device LC75844M Datasheet HTML 13Page - Sanyo Semicon Device LC75844M Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
No. 6235-11/14
LC75844M
The INH pin and Display Control
Since the IC internal data (the display data and the control data) is undefined when power is first applied, applications
should set the INH pin low at the same time as power is applied to turn off the display (This sets the S1/P1 to S4/P4, S5
to S22, and COM1 to COM4 to the VSS level.) and during this period send serial data from the controller. The controller
should then set the INH pin high after the data transfer has completed. This procedure prevents meaningless displays at
power on. (See Figure 3.)
Notes on the Power On/Off Sequences
Applications should observe the following sequence when turning the LC75844M power on and off.
• At power on: Logic block power supply (VDD) on → LCD driver block power supply (VLCD) on
• At power off: LCD driver block power supply (VLCD) off → Logic block power supply (VDD) off
However, if the logic and LCD driver block use a shared power supply, then the power supplies can be turned on and off
at the same time.
Figure 3
Notes on Controller Transfer of Display Data
Since the LC75844M accept display data (D1 to D88) divided into two separate transfer operations, we recommend that
applications transfer all of the display data within a period of less than 30 ms to prevent observable degradation of
display quality.
Internal data
Internal data (D45 to D88)
Undefined
Undefined
Defined
Undefined
Undefined
Note: t1
≥ 0
t2 > 0
t3
≥ 0 (t2 > t3)
tc ... 10 µs min
Display and control data transfer
D1 to D44
P0 to P2
DR, SC, BU
Defined


Similar Part No. - LC75844M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
More results

Similar Description - LC75844M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75814V SANYO-LC75814V Datasheet
101Kb / 14P
   1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T_17 Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75813T-E SANYO-LC75813T-E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com