Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLT5551HC Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLT5551HC
Description  SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT5551HC Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLT5551HC_10 Datasheet HTML 1Page - Central Semiconductor Corp CMLT5551HC_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLT5551HC
SURFACE MOUNT
HIGH CURRENT
SILICON NPN TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLT5551HC type
is a high current NPN silicon transistor, manufactured
by the epitaxial planar process and epoxy molded in
an SOT-563 suface mount package. This PICOmini™
device has been designed for high voltage and high
current amplifier applications.
MARKING CODE: C51
SOT-563 CASE
MAXIMUM RATINGS: (TA=25OC)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
OC
Thermal Resistance
ΘJA
357
OC/W
ELECTRICAL CHARACTERISTICS: (TA=25OC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=120V
50
nA
ICBO
VCB=120V, TA=100°C
50
µA
IEBO
VEB=4.0V
50
nA
BVCBO
IC=100µA
180
V
BVCEO
IC=1.0mA
160
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.15
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.20
V
VBE(SAT)
IC=10mA, IB=1.0mA
1.00
V
VBE(SAT)
IC=50mA, IB=5.0mA
1.00
V
hFE
VCE=5.0V, IC=1.0mA
80
hFE
VCE=5.0V, IC=10mA
80
250
hFE
VCE=5.0V, IC=50mA
30
hFE
VCE=10V, IC=1.0A
10
fT
VCE=10V, IC=10mA, f=100MHz
100
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
15
pF
R1 (20-January 2010)
www.centra lsemi.com


Similar Part No. - CMLT5551HC_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT5551HC CENTRAL-CMLT5551HC_15 Datasheet
441Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT NPN TRANSISTOR
More results

Similar Description - CMLT5551HC_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
PZT651T1 ONSEMI-PZT651T1 Datasheet
101Kb / 6P
   HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT853 CENTRAL-CXT853_10 Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_15 Datasheet
441Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT NPN TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC Datasheet
127Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT853 CENTRAL-CZT853_15 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com