Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACI-C068220-1956 Datasheet(PDF) 3 Page - Applied Concepts Inc.

Part # ACI-C068220-1956
Description  I-DRIVE, 15 WATT LED DRIVER (Single Channel 68V, 0-220mA)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACI-C068220-1956 Datasheet(HTML) 3 Page - Applied Concepts Inc.

  ACI-C068220-1956 Datasheet HTML 1Page - Applied Concepts Inc. ACI-C068220-1956 Datasheet HTML 2Page - Applied Concepts Inc. ACI-C068220-1956 Datasheet HTML 3Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
397 Route 281
P.O. Box 1175
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com
ACI-C068220-1956
PRODUCT DATA SHEET
11/23/10
LED Intensity vs Icntl
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Icntrl, Volts


Similar Part No. - ACI-C068220-1956

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACI-C120125-1852 ACIPOWER-ACI-C120125-1852 Datasheet
111Kb / 3P
   I-DRIVE, 15 WATT LED DRIVER (Single Channel 120V, 0-125mA)
ACI-C150070-1969 ACIPOWER-ACI-C150070-1969 Datasheet
111Kb / 3P
   I-DRIVE, 10.5 WATT LED DRIVER (Single Channel 150V, 0-70mA)
ACI-C150080-1968 ACIPOWER-ACI-C150080-1968 Datasheet
111Kb / 3P
   I-DRIVE, 12 WATT LED DRIVER (Single Channel 150V, 0-80mA)
More results

Similar Description - ACI-C068220-1956

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACI-C120125-1852 ACIPOWER-ACI-C120125-1852 Datasheet
111Kb / 3P
   I-DRIVE, 15 WATT LED DRIVER (Single Channel 120V, 0-125mA)
ACI-C150080-1968 ACIPOWER-ACI-C150080-1968 Datasheet
111Kb / 3P
   I-DRIVE, 12 WATT LED DRIVER (Single Channel 150V, 0-80mA)
ACI-C150070-1969 ACIPOWER-ACI-C150070-1969 Datasheet
111Kb / 3P
   I-DRIVE, 10.5 WATT LED DRIVER (Single Channel 150V, 0-70mA)
ACI-E060440-1970 ACIPOWER-ACI-E060440-1970 Datasheet
111Kb / 3P
   I-DRIVE 5, 26.4 WATT LED DRIVER (Single Channel 60V, 0-440mA)
ACI-E096250-1884 ACIPOWER-ACI-E096250-1884 Datasheet
165Kb / 4P
   I-DRIVE, 24 WATT LED DRIVER (Dual Channel 96V, 0-125mA)
logo
CINCON ELECTRONICS Corp...
LDP15 CINCON-LDP15 Datasheet
478Kb / 2P
   15 WATT SINGLE OUTPUT LED POWER SUPPLY
logo
GOOD-ARK Electronics
SSF6808 GOOD-ARK-SSF6808_15 Datasheet
961Kb / 5P
   68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A Datasheet
1,000Kb / 5P
   68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A_15 Datasheet
1,000Kb / 5P
   68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814_15 Datasheet
1Mb / 5P
   68V N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com