Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLZDA16V Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLZDA16V
Description  SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLZDA16V Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLZDA16V Datasheet HTML 1Page - Central Semiconductor Corp CMLZDA16V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMLZDA2V4
THRU
CMLZDA47V
SURFACE MOUNT
DUAL, COMMON ANODE
SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
MAX
IZT
ZZT@ IZT
ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
CMLZDA18V
16.8
19.1
5.0
45
225
1.0
0.05
12.6
9.2
0.08
CY6
CMLZDA20V
18.8
21.2
5.0
55
225
1.0
0.05
14.0
8.3
0.08
CY7
CMLZDA22V
20.8
23.3
5.0
55
250
1.0
0.05
15.4
7.6
0.09
CY8
CMLZDA24V
22.8
25.6
5.0
70
250
1.0
0.05
16.8
7.0
0.09
CY9
CMLZDA27V
25.1
28.9
2.0
80
300
0.5
0.05
18.9
6.2
0.09
CYA
CMLZDA30V
28.0
32.0
2.0
80
300
0.5
0.05
21.0
5.6
0.09
CYB
CMLZDA33V
31.0
35.0
2.0
80
325
0.5
0.05
23.1
5.0
0.09
CYC
CMLZDA36V
34.0
38.0
2.0
90
350
0.5
0.05
25.2
4.6
0.09
CYD
CMLZDA39V
37.0
41.0
2.0
130
350
0.5
0.05
27.3
4.3
0.09
CYE
CMLZDA43V
40.0
46.0
2.0
150
375
0.5
0.05
30.1
3.9
0.10
CYF
CMLZDA47V
44.0
50.0
2.0
170
375
0.5
0.05
32.9
3.5
0.10
CYH
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=0.9V MAX @ IF=10mA (for all types)
SOT-563 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) NC
2) Anode D1, D2
3) NC
4) Cathode D2
5) NC
6) Cathode D1
www.centr a lsemi.com
R1 (20-January 2010)


Similar Part No. - CMLZDA16V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLZDA16V CENTRAL-CMLZDA16V Datasheet
446Kb / 3P
   SURFACE MOUNT SILICON DUAL, COMMON ANODE ZENER DIODES
More results

Similar Description - CMLZDA16V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4_10 Datasheet
479Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 275mW, 2.4 THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4_10 Datasheet
401Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 2.4 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com