Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPQ-12-D48 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # HPQ-12-D48
Description  Isolated 300-Watt Quarter Brick DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HPQ-12-D48 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  HPQ-12-D48_11 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
➀ Please refer to the part number structure for additional ordering information and options.
➁ All specifications are at nominal line voltage and full load, +25 deg.C. unless otherwise noted.
See detailed specifications. Output capacitors are 1 μF ceramic in parallel with 10 μF electrolytic
with no input caps.These caps are necessary for our test equipment and may not be needed for
your application.
➂ Minimum efficiency applies over all input voltages, the full operating temperature range and full
load.
ORDERING GUIDE
Root Model
Output
Input
Efficiency
Package (C59)
VOUT
(Volts)
IOUT
(Amps,
max.)
Power
(Watts)
R/N (mV
pk-pk)
Regulation (Max.)
VIN Nom.
(Volts)
Range
(Volts)
IIN no
load (mA)
IIN full
load
(Amps)
Typ.
Max.
Line
Load
Min.
Typ.
Dimensions
(inches)
Dimensions
(mm)
HPQ-12/25-D48
HPQ-12/25-D48
12
25
300
80
150
±0.125% ±0.25%
48
36-75
150
6.61
91%
94.5% 1.45x2.3x0.49 max.
1.45x2.3x0.49 max. 36.8x58.4x12.45
36.8x58.4x12.45
PART NUMBER STRUCTURE
Pin length option
Blank = standard pin length 0.180 in. (4.6 mm)
L1 = 0.110 in. (2.79 mm)*
L2 = 0.145 in. (3.68 mm)*
*Special quantity order required
Lx
D48
Input Voltage Range:
D48 = 36-75 Volts (48V nominal)
/
Nominal Output Voltage
12
Note: Some model combinations may not be
available. Contact Murata Power Solutions for
availability.
25
Maximum Rated Output :
Current in Amps
-
N
On/Off Control Polarity
N = Negative polarity, standard
P = Positive polarity, optional
-
HPQ
Family
Series:
High Power
Quarter Brick
Baseplate (optional)
Blank = No baseplate, standard
B = Baseplate installed, optional
B
RoHS Hazardous Materials compliance
C = RoHS-6 (does not claim EU RoHS exemption 7b–lead in solder), standard
Y = RoHS-5 (with lead), optional, special quantity order
-
C
Conformal coating (optional)
Blank = no coating, standard
H = Coating added, optional
H
Trim & Sense Pins Option
Blank = Trim and Sense installed, standard
X = Trim and Sense removed
X
Complete Model Number Example:
Negative On/Off logic, baseplate installed, conformally coated, trim and sense pins removed, 0.110˝ pin length, RoHS-6 compliance
HPQ-12/25-D48NBHXL1-C
HPQ-12/25-D48 Series
Isolated 300-Watt Quarter Brick DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
21 Feb 2011
MDC_HPQ-12/25-D48 Series.A07 Page 2 of 14


Similar Part No. - HPQ-12-D48_11

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
HPQ-12-25-D48 MURATA-PS-HPQ-12-25-D48 Datasheet
1Mb / 16P
   Isolated 300-Watt Quarter Brick DC-DC Converters
2019
HPQ-12-25-D48 MURATA-PS-HPQ-12-25-D48_V01 Datasheet
1Mb / 16P
   Isolated 300-Watt Quarter Brick DC-DC Converters
2019
More results

Similar Description - HPQ-12-D48_11

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com