Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMOZ2V6 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMOZ2V6
Description  SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ2V6 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMOZ2V6 Datasheet HTML 1Page - Central Semiconductor Corp CMOZ2V6 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMOZ2V4 THRU CMOZ43V
SURFACE MOUNT
SILICON ZENER DIODE
2.4 VOLTS THRU 43 VOLTS
5% TOLERANCE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VVV
μA
Ω
μA
V
CMOZ10V
9.50
10
10.50
5.0
20
0.2
7.0
H6
CMOZ11V
10.45
11
11.55
5.0
20
0.1
8.0
H7
CMOZ12V
11.40
12
12.60
5.0
25
0.1
8.0
H8
CMOZ13V
12.35
13
13.65
5.0
30
0.1
8.0
H9
CMOZ15V
14.25
15
15.75
5.0
30
0.05
10.5
H0
CMOZ16V
15.20
16
16.80
5.0
40
0.05
11.2
J1
CMOZ18V
17.10
18
18.90
5.0
45
0.05
12.6
J2
CMOZ20V
19.00
20
21.00
5.0
55
0.05
14.0
J3
CMOZ22V
20.90
22
23.10
5.0
55
0.05
15.4
J4
CMOZ24V
22.80
24
25.20
5.0
70
0.05
16.8
J5
CMOZ27V
25.65
27
28.35
5.0
80
0.05
18.9
J6
CMOZ30V
28.50
30
31.50
5.0
80
0.05
21.0
J7
CMOZ33V
31.35
33
34.65
5.0
80
0.05
23.1
J8
CMOZ36V
34.20
36
37.80
5.0
90
0.05
25.2
J9
CMOZ39V
37.05
39
40.95
5.0
130
0.05
27.3
J0
CMOZ43V
40.85
43
45.15
5.0
150
0.05
30.1
K1
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=0.9 MAX @ IF=10mA (for all types)
SOD-523 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Cathode
2) Anode
www.centr a lsemi.com
R4 (25-January 2010)


Similar Part No. - CMOZ2V6

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2V6 CENTRAL-CMOZ2V6 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMOZ2V6 CENTRAL-CMOZ2V6 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V6 CENTRAL-CMOZ2V6 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMOZ2V6C CENTRAL-CMOZ2V6C Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMOZ2V6C CENTRAL-CMOZ2V6C Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMOZ2V6

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4C CENTRAL-CMOZ2V4C Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
   ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com