Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75864E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75864E
Description  1/4 Duty LCD Display Drivers with Key Input Function
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75864E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75864E Datasheet HTML 1Page - Sanyo Semicon Device LC75864E Datasheet HTML 2Page - Sanyo Semicon Device LC75864E Datasheet HTML 3Page - Sanyo Semicon Device LC75864E Datasheet HTML 4Page - Sanyo Semicon Device LC75864E Datasheet HTML 5Page - Sanyo Semicon Device LC75864E Datasheet HTML 6Page - Sanyo Semicon Device LC75864E Datasheet HTML 7Page - Sanyo Semicon Device LC75864E Datasheet HTML 8Page - Sanyo Semicon Device LC75864E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
No. 6860-2/26
LC75864E, 75864W
LC75864E
(QIP48E)
LC75864W
(SQFP48)
KI5
VDD
VLCD
VLCD1
VLCD2
VSS
TEST
OSC
DO
CE
CL
DI
COM2
36
37
24
48
13
25
1
12
COM1
S22
S21
S20
S19
S18
S17
S16
S15
S14
S13
Pin Assignment
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VLCD max
VLCD
–0.3 to +7.0
VIN1
CE, CL, DI
–0.3 to +7.0
Input voltage
VIN2
OSC, TEST
–0.3 to VDD + 0.3
V
VIN3
VLCD1, VLCD2, KI1 to KI5
–0.3 to VLCD + 0.3
VOUT1
DO
–0.3 to +7.0
Output voltage
VOUT2
OSC
–0.3 to VDD + 0.3
V
VOUT3
S1 to S24, COM1 to COM4, KS1 to KS6, P1 to P4
–0.3 to VLCD + 0.3
IOUT1
S1 to S24
300
µA
Output current
IOUT2
COM1 to COM4
3
IOUT3
KS1 to KS6
1
mA
IOUT4
P1 to P4
5
Allowable power dissipation
Pd max
Ta = 85°C
150
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Top view


Similar Part No. - LC75864E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75863W SANYO-LC75863W Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
More results

Similar Description - LC75864E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75884E SANYO-LC75884E Datasheet
611Kb / 27P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com