Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75864W Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC75864W
Description  1/4 Duty LCD Display Drivers with Key Input Function
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75864W Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC75864W Datasheet HTML 1Page - Sanyo Semicon Device LC75864W Datasheet HTML 2Page - Sanyo Semicon Device LC75864W Datasheet HTML 3Page - Sanyo Semicon Device LC75864W Datasheet HTML 4Page - Sanyo Semicon Device LC75864W Datasheet HTML 5Page - Sanyo Semicon Device LC75864W Datasheet HTML 6Page - Sanyo Semicon Device LC75864W Datasheet HTML 7Page - Sanyo Semicon Device LC75864W Datasheet HTML 8Page - Sanyo Semicon Device LC75864W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Electrical Characteristics for the Allowable Operating Ranges
No. 6860-4/26
LC75864E, 75864W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, KI1 to KI5
0.1 VDD
V
Power-down detection voltage
VDET
2.5
3.0
3.5
V
Input high level current
IIH
CE, CL, DI: VI = 6.0 V
5.0
µA
Input low level current
IIL
CE, CL, DI: VI = 0 V
–5.0
µA
Input floating voltage
VIF
KI1 to KI5
0.05 VDD
V
Pull-down resistance
RPD
KI1 to KI5: VDD = 5.0 V
50
100
250
k
Output off leakage current
IOFFH
DO: VO = 6.0 V
6.0
µA
VOH1
KS1 to KS6: IO = –500 µA
VLCD – 1.0
VLCD – 0.5
VLCD – 0.2
Output high level voltage
VOH2
P1 to P4: IO = –1 mA
VLCD – 1.0
V
VOH3
S1 to S24: IO = –20 µA
VLCD – 1.0
VOH4
COM1 to COM4: IO = –100 µA
VLCD – 1.0
VOL1
KS1 to KS6: IO = 25 µA
0.2
0.5
1.5
VOL2
P1 to P4: IO = 1 mA
1.0
Output low level voltage
VOL3
S1 to S24: IO = 20 µA
1.0
V
VOL4
COM1 to COM4: IO = 100 µA
1.0
VOL5
DO: IO = 1 mA
0.1
0.5
VMID1
COM1 to COM4: 1/2 bias, IO = ±100 µA
1/2 VLCD
1/2 VLCD +
1.0
1.0
VMID2
S1 to S24: 1/3 bias, IO = ±20 µA
2/3 VLCD
2/3 VLCD +
1.0
1.0
Output middle level voltage*2
VMID3
S1 to S24: 1/3 bias, IO = ±20 µA
1/3 VLCD
1/3 VLCD +
V
1.0
1.0
VMID4
COM1 to COM4: 1/3 bias, IO = ±100 µA
2/3 VLCD
2/3 VLCD +
1.0
1.0
VMID5
COM1 to COM4: 1/3 bias, IO = ±100 µA
1/3 VLCD
1/3 VLCD +
1.0
1.0
Oscillator frequency
fOSC
OSC: ROSC = 43 kΩ, COSC = 680 pF
40
50
60
kHz
IDD1
VDD: Sleep mode
100
IDD2
VDD: VDD = 6.0 V, output open, fOSC = 50 kHz
270
540
Current drain
ILCD1
VLCD: Sleep mode
5
µA
ILCD2
VLCD: VLCD = 6.0 V, output open, 1/2 bias, fOSC = 50 kHz
100
200
ILCD3
VLCD: VLCD = 6.0 V, output open, 1/3 bias, fOSC = 50 kHz
60
120
Note: *2. Excluding the bias voltage generation divider resistor built into VLCD1 and VLCD2. (See Figure 1.)
To the common segment driver
Excluding these resistors.
VLCD1
VLCD
VLCD2
Figure 1


Similar Part No. - LC75864W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75863W SANYO-LC75863W Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
More results

Similar Description - LC75864W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75884E SANYO-LC75884E Datasheet
611Kb / 27P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com